Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC4840 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6LC4840
Description  Crystal to LVDS/LVCMOS Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4840 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6LC4840 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.pericom.com
PS9076
01/03/11
PI6LC4840
Crystal to LVDS/LVCMOS Frequency Synthesizer
Pin Number
Pin Name
I/O Type
Description
14
MR
Input
Master Reset Pin. During Reset, LVCMOS outputs are pulled low, QCx+
outputs are pulled low, QCx- outputs are pulled high.
15
VDD
Power
VDD for core
16
GND
Power
Ground
17
VDDO_QC
Power
VDD Buffer Power for Bank C
18
QC0+
Output
125MHz LVDS Output
19
QC0-
Output
125MHz LVDS Output
20
QC1+
Output
125MHz LVDS Output
21
QC1-
Output
125MHz LVDS Output
22
QC2+
Output
125MHz LVDS Output
23
QC2-
Output
125MHz LVDS Output
24
VDDO_QC
Power
VDD Buffer Power for Bank C
25
GND
Power
GND
26
VDDA
Power
VDD for analog core
27
Mode_0
Input
Combination of output enable and frequency select functionality, see
Table 1. Internal pull-down.
28
Mode_1
Input
Combination of output enable and frequency select functionality, see
Table 1. Internal pull-up.
29
Mode_2
Input
Combination of output enable and frequency select functionality, see
Table 1. Internal pull-down.
30
X1
Input
Crystal Input
31
X2
Output
Crystal Output
32
GND
Power
GND
10-0249



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com