Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC4840 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6LC4840
Description  Crystal to LVDS/LVCMOS Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4840 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6LC4840 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.pericom.com
PS9076
01/03/11
PI6LC4840
Description
The PI6LC4840 is an LC VCO based low phase noise design in-
tended for the most demanding Ethernet applications. Common
Ethernet frequencies of 25MHz and 125MHz are supported,
with the 125Mhz having both LVDS and LVCMOS outputs for
maximum flexibility. One 25Mhz LVCMOS non-PLL output is
also available.
Features
Î
3.3V supply voltage ± 5%
Î
Three banks of outputs:
à
Bank A: 3 25/50MHz pin selectable LVCMOS outputs
à
Bank B: 3 125MHz LVCMOS outputs
à
Bank C: 3 125MHz LVDS outputs
Î
1 25MHz LVCMOS reference clock output (no PLL)
Î
25MHz crystal input (SaRonix-eCera P/N FL2500029)
Î
Low 1ps max 12k-20MHz integrated phase noise design (for
125MHz CMOS and LVDS outputs)
Î
Industrial temperature -40°C to 85°C
Î
Package (Pb-free & Green)
à
32-contact 5x5mm TQFN (ZH)
Crystal to LVDS/LVCMOS Frequency Synthesizer
Block Diagram
Mode [2:0]
X1
X2
LVCMOS
- 25MHz or 50MHz
CMOS - 125MHz
LVDS 125MHz
LVCMOS - 25MHz
VDDO_QA
VDDO_QB
VDDO_QC
QA0
QA1
QA2
QB0
QB1
QB2
QC0+
QC0-
QC1+
QC1-
QC2+
QC2-
÷20
or ÷10
÷4
MR Pull-down
\M
Phase
Detector
VCO
REF_Out
SaRonix-eCera FL2500029
25MHz
3
OSC
÷4
Control
Logic
Mode_1 = Pull-up
Mode_0,2 = Pull-down
10-0249


Similar Part No. - PI6LC4840

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC4820 PERICOM-PI6LC4820 Datasheet
1Mb / 13P
HiFlex Ethernet Network Clock Generator
PI6LC4820ZDE PERICOM-PI6LC4820ZDE Datasheet
1Mb / 13P
HiFlex Ethernet Network Clock Generator
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
HiFlex Network Clock Generator
PI6LC4830ZHE PERICOM-PI6LC4830ZHE Datasheet
1Mb / 11P
HiFlex Network Clock Generator
PI6LC4833 PERICOM-PI6LC4833 Datasheet
1,018Kb / 13P
Clock Generator for Power PC
More results

Similar Description - PI6LC4840

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-04 ICST-ICS844004I-04 Datasheet
202Kb / 13P
FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JANUARY 26, 2006
logo
Integrated Device Techn...
ICS844020-45 IDT-ICS844020-45 Datasheet
608Kb / 13P
FEMTOCLOCK??CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
844S012 IDT-844S012 Datasheet
215Kb / 24P
Crystal-to-LVDS/LVCMOS Frequency Synthesizer
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
844S012I-01 RENESAS-844S012I-01 Datasheet
578Kb / 25P
Crystal-to-LVDS/LVCMOS Frequency Synthesizer
January 5, 2016
844S012 RENESAS-844S012 Datasheet
413Kb / 25P
Crystal-to-LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com