Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0175SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0175SMB
Description  GaAs DPDT Diversity Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0175SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0175SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0175SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0175SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0175SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0175SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GaAs DPDT Diversity Switch
4.5 - 6.0 GHz
Rev. V1
MASWSS0175
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Features
 Low Insertion Loss: 0.8 dB at 5.2 GHz
 Ideal for WLAN IEEE 802.11a
 0.5 micron GaAs PHEMT Process
 Integrated DC Blocking Capacitors
 Lead-Free 3 mm 12-Lead PQFN Package
 100% Matte Tin Plating over Copper
 Halogen-Free ―Green‖ Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of MASWSS0039
Description
The MASWSS0175 is a GaAs pHEMT MMIC DPDT
diversity switch in a lead-free 3 mm 12-lead PQFN
package. It is designed for low insertion loss and
allows for independent control and selection of each
switch path. It integrates blocking capacitors on all
RF ports and thus eliminates the need for additional
off-chip DC blocking capacitors.
The MASWSS0175 is ideally suited for applications
where very small size and low cost are required.
Typical applications are for WLAN IEEE 802.11a
systems that employ two antennas for transmit and
receive diversity.
This part can be used in all
systems operating between 4.5 GHz and 6.0 GHz
requiring moderate power and diversity switching.
The MASWSS0175 is fabricated using a 0.5 micron
gate length GaAs pHEMT process. The process
features full passivation for performance and
reliability.
Functional Schematic
Port 3
Port 4
Ctrl 2
Ctrl 3
Ctrl 4
Ctrl 1
PIN 1
Ordering Information 1
Part Number
Package
MASWSS0175
Bulk Packaging
MASWSS0175TR-3000
3000 Piece Reel
MASWSS0175SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Pin No.
Pin Name
Description
1
Ctrl 1
Control 1
2
Port 3
RF Port 3
3
Ctrl 4
Control 4
4
N/C
No Connection
5
Port 2
RF Port 2
6
N/C
No Connection
7
Ctrl 3
Control 3
8
Port 4
RF Port 4
9
Ctrl 2
Control 2
10
N/C
No Connection
11
Port 1
RF Port 1
12
N/C
No Connection
13
Paddle2
RF and DC Ground
Pin Configuration 2
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Directive 2002/95/EC.


Similar Part No. - MASWSS0175SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0175SMB MACOM-MASWSS0175SMB Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175SMB MA-COM-MASWSS0175SMB Datasheet
87Kb / 4P
GaAs DPDT Diversity Switch DC - 6.0 GHz
More results

Similar Description - MASWSS0175SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASWSS0130 MA-COM-MASWSS0130 Datasheet
136Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
GaAs DPDT Diversity Switch
MASW-007587 MA-COM-MASW-007587_15 Datasheet
642Kb / 6P
High Power GaAs DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129_15 Datasheet
669Kb / 5P
GaAs Broadband DPDT Diversity Switch
MASWSS0130 MA-COM-MASWSS0130_15 Datasheet
732Kb / 5P
GaAs Broadband DPDT Diversity Switch
MASWSS0184 MA-COM-MASWSS0184_15 Datasheet
642Kb / 6P
High Power GaAs DPDT Diversity Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com