Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0175SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0175SMB
Description  GaAs DPDT Diversity Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0175SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0175SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0175SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0175SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0175SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0175SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs DPDT Diversity Switch
4.5 - 6.0 GHz
Rev. V1
MASWSS0175
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Electrical Specifications: TA = 25°C, Z0 = 50 , VC = 0 V / 3 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
4.9 GHz
5.2 GHz
5.8 GHz
dB
—
—
—
0.9
0.8
0.8
1.3
1.2
1.2
Isolation
4.9 GHz
5.2 GHz
5.8 GHz
dB
15
20
20
20
25
29
—
—
—
Return Loss
4.5 - 6.0 GHz
dB
15
25
—
P1dB
5.2 GHz, VC = 2.7 V
5.2 GHz, VC = 3.0 V
5.2 GHz, VC = 5.0 V
dBm
—
—
—
31
33
39
—
—
—
IP2
Two Tone, +15 dBm / tone, 5 MHz Spacing
5.2 GHz
dBm
—
98
—
IP3
Two Tone, +15 dBm / tone, 5 MHz Spacing
5.2 GHz, VC = 3 V
5.2 GHz, VC = 5 V
dBm
—
—
52
55
—
—
2nd Harmonic
5.2 GHz, PIN = 20 dBm
dBc
—
-85
—
3rd Harmonic
5.2 GHz, PIN = 20 dBm
dBc
—
-83
—
Trise, Tfall
10% to 90% RF and 90% to 10% RF
ns
—
20
—
Ton, Toff
50% Control to 90% RF
50% Control to 10% RF
ns
—
—
35
40
—
—
Control Current
|VC| = 3 V
µA
—
5
25
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parameter
Absolute Maximum
Input Power @ 3 V Control
+32 dBm
Input Power @ 5 V Control
+36 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 3,4
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com