Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0175SMB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0175SMB
Description  GaAs DPDT Diversity Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0175SMB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0175SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0175SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0175SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0175SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0175SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GaAs DPDT Diversity Switch
4.5 - 6.0 GHz
Rev. V1
MASWSS0175
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Typical Performance Curves
Return Loss
Isolation
Insertion Loss
Circuit Block Diagram**
C1 – C4 = 47pF, Logic Control Decoupling Capacitors.
**
Internal blocking capacitors are located on Port 1-Port 4.
Control V1
Control V2
Control V3
Control V4
Port 1 -
Port 3
Port 1 -
Port 4
Port 2 -
Port 4
Port 2 -
Port 3
1
0
0
0
On
Off
Off
Off
0
1
0
0
Off
On
Off
Off
0
0
1
0
Off
Off
On
Off
0
0
0
1
Off
Off
Off
On
1
0
1
0
On
Off
On
Off
0
1
0
1
Off
On
Off
On
Truth Table 4,5
4. 1 = +2.5 V to +5 V, 0 = 0 V + 0.2 V.
5. Differential voltage, V (state 1) - V (state 0), must be 2.5 V minimum and must not exceed 8 V.
C1
C2
C3
C4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
4.5
5.0
5.5
6.0
+25°C
-40°C
+85°C
Frequency (GHz)
0
5
10
15
20
25
30
35
4.5
5.0
5.5
6.0
+25°C
-40°C
+85°C
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
4.5
5.0
5.5
6.0
+25°C
-40°C
+85°C
Frequency (GHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com