Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8148B Datasheet(PDF) 49 Page - Pericom Semiconductor Corporation

Part # PI7C8148B
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8148B Datasheet(HTML) 49 Page - Pericom Semiconductor Corporation

Back Button PI7C8148B_06 Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 53Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
PI7C8148B
ASYNCHRONOUS 2-PORT
PCI-TO-PCI BRIDGE
Page 49 of 94
APRIL 2006 – Revision 1.05
Bridge asserts P_PERR# two cycles after the data transfer, if the parity error response bit is set in
the command register of primary interface.
Bridge sets the parity error detected bit in the status register of the primary interface.
Bridge captures and forwards the bad parity condition to the secondary bus.
Bridge completes the transaction normally.
Similarly, during upstream posted write transactions, when the bridge responds as a target, it detects a
data parity error on the initiator (secondary) bus, the following events occur:
Bridge asserts S_PERR# two cycles after the data transfer, if the parity error response bit is set in
the bridge control register of the secondary interface.
Bridge sets the parity error detected bit in the status register of the secondary interface.
Bridge captures and forwards the bad parity condition to the primary bus.
Bridge completes the transaction normally.
During downstream write transactions, when a data parity error is reported on the target (secondary) bus
by the target’s assertion of S_PERR#, the following events occur:
Bridge sets the data parity detected bit in the status register of secondary interface, if the parity
error response bit is set in the bridge control register of the secondary interface.
Bridge asserts P_SERR# and sets the signaled system error bit in the status register, if all the
following conditions are met:
The SERR# enable bit is set in the command register.
The posted write parity error bit of P_SERR# event disable register is not set.
The parity error response bit is set in the bridge control register of the secondary interface.
The parity error response bit is set in the command register of the primary interface.
Bridge has not detected the parity error on the primary (initiator) bus which the parity
error is not forwarded from the primary bus to the secondary bus.
During upstream write transactions, when a data parity error is reported on the target (primary) bus by
the target’s assertion of P_PERR#, the following events occur:
Bridge sets the data parity detected bit in the status register, if the parity error response bit is set in
the command register of the primary interface.
Bridge asserts P_SERR# and sets the signaled system error bit in the status register, if all the
following conditions are met:
The SERR# enable bit is set in the command register.
The parity error response bit is set in the bridge control register of the secondary interface.
The parity error response bit is set in the command register of the primary interface.
Bridge has not detected the parity error on the secondary (initiator) bus, which the parity
error is not forwarded from the secondary bus to the primary bus.
Assertion of P_SERR# is used to signal the parity error condition when the initiator does not know that
the error occurred. Because the data has already been delivered with no errors, there is no other way to
signal this information back to the initiator. If the parity error has forwarded from the initiating bus to
the target bus, P_SERR# will not be asserted.
06-0053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com