Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8148B Datasheet(PDF) 21 Page - Pericom Semiconductor Corporation

Part # PI7C8148B
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8148B Datasheet(HTML) 21 Page - Pericom Semiconductor Corporation

Back Button PI7C8148B_06 Datasheet HTML 17Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 25Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
PI7C8148B
ASYNCHRONOUS 2-PORT
PCI-TO-PCI BRIDGE
Page 21 of 94
APRIL 2006 – Revision 1.05
2.5
WRITE TRANSACTIONS
Write transactions are treated as either posted write or delayed write transactions. Table 2-2 shows the
method of forwarding used for each type of write operation.
Table 2-2. Write Transaction Forwarding
Type of Transaction
Type of Forwarding
Memory Write
Posted (except VGA memory)
Memory Write and Invalidate
Posted
Memory Write to VGA memory
Delayed
I/O Write
Delayed
Type 1 Configuration Write
Delayed
2.5.1
MEMORY WRITE TRANSACTIONS
Posted write forwarding is used for “Memory Write” and “Memory Write and Invalidate” transactions.
When the bridge determines that a memory write transaction is to be forwarded across the bridge, the
bridge asserts DEVSEL# with medium timing and TRDY# in the next cycle, provided that enough
buffer space is available in the posted memory write queue for the address and at least one DWORD of
data. Under this condition, the bridge accepts write data without obtaining access to the target bus. The
bridge can accept one DWORD of write data every PCI clock cycle. That is, no target wait state is
inserted. The write data is stored in an internal posted write buffers and is subsequently delivered to the
target. The bridge continues to accept write data until one of the following events occurs:
The initiator terminates the transaction by de-asserting FRAME# and IRDY#.
An internal write address boundary is reached, such as a cache line boundary or an aligned 4KB
boundary, depending on the transaction type.
The posted write data buffer fills up.
When one of the last two events occurs, the bridge returns a target disconnect to the requesting initiator
on this data phase to terminate the transaction.
Once the posted write data moves to the head of the posted data queue, the bridge asserts its request on
the target bus. This can occur while the bridge is still receiving data on the initiator bus. When the
grant for the target bus is received and the target bus is detected in the idle condition, the bridge asserts
FRAME# and drives the stored write address out on the target bus. On the following cycle, the bridge
drives the first DWORD of write data and continues to transfer write data until all write data
corresponding to that transaction is delivered, or until a target termination is received. As long as write
data exists in the queue, the bridge can drive one DWORD of write data each PCI clock cycle; that is,
no master wait states are inserted. If write data is flowing through the bridge and the initiator stalls, the
bridge will signal the last data phase for the current transaction at the target bus if the queue empties.
The bridge will restart the follow-on transactions if the queue has new data.
The bridge ends the transaction on the target bus when one of the following conditions is met:
All posted write data has been delivered to the target.
The target returns a target disconnect or target retry (the bridge starts another transaction to deliver
the rest of the write data).
The target returns a target abort (the bridge discards remaining write data).
06-0053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com