Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8148B Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI7C8148B
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8148B Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI7C8148B_06 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C8148B_06 Datasheet HTML 17Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
PI7C8148B
ASYNCHRONOUS 2-PORT
PCI-TO-PCI BRIDGE
Page 13 of 94
APRIL 2006 – Revision 1.05
1
SIGNAL DEFINITIONS
1.1
SIGNAL TYPES
SIGNAL TYPE
DESCRIPTION
I
Input only
O
Output only
P
Power
TS
Tri-state bi-directional
STS
Sustained tri-state. Active LOW signal must be pulled HIGH for 1 cycle
when deasserting.
OD
Open Drain
1.2
SIGNALS
Signals that end with “#” are active LOW.
1.2.1
PRIMARY BUS INTERFACE SIGNALS
Name
Pin Number
Type
Description
P_AD[31:0]
P10, N10, M10, P11,
N11, M11, P12, N12,
M14, L12, L13, L14,
K12, K13, K14, J12,
E14, E13, E12, D14,
D13, D12, C13, B14,
B12, A12, C11, B11,
A11, C10, A10, C9
TS
Primary Address / Data: Multiplexed address and data bus.
Address is indicated by P_FRAME# assertion. Write data is
stable and valid when P_IRDY# is asserted and read data is
stable and valid when P_TRDY# is asserted. Data is transferred
on rising clock edges when both P_IRDY# and P_TRDY# are
asserted. During bus idle, PI7C8148B drives P_AD to a valid
logic level when P_GNT# is asserted.
P_CBE#[3:0]
P14, J13, F12, A13
TS
Primary Command/Byte Enables: Multiplexed command field
and byte enable field. During address phase, the initiator drives
the transaction type on these pins. After that, the initiator drives
the byte enables during data phases. During bus idle, PI7C8148B
drives P_CBE#[3:0] to a valid logic level when P_GNT# is
asserted.
P_PAR
F13
TS
Primary Parity. Parity is even across P_AD[31:0],
P_CBE#[3:0], and P_PAR (i.e. an even number of 1’s). P_PAR
is an input and is valid and stable one cycle after the address
phase (indicated by assertion of P_FRAME#) for address parity.
For write data phases, P_PAR is an input and is valid one clock
after P_IRDY# is asserted. For read data phase, P_PAR is an
output and is valid one clock after P_TRDY# is asserted. Signal
P_PAR is tri-stated one cycle after the P_AD lines are tri-stated.
During bus idle, PI7C8148B drives P_PAR to a valid logic level
when P_GNT# is asserted.
P_FRAME#
J14
STS
Primary FRAME (Active LOW). Driven by the initiator of a
transaction to indicate the beginning and duration of an access.
The de-assertion of P_FRAME# indicates the final data phase
requested by the initiator. Before being tri-stated, it is driven to
a de-asserted state for one cycle.
P_IRDY#
H12
STS
Primary IRDY (Active LOW). Driven by the initiator of a
transaction to indicate its ability to complete current data phase
on the primary side. Once asserted in a data phase, it is not de-
asserted until the end of the data phase. Before tri-stated, it is
driven to a de-asserted state for one cycle.
06-0053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com