Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D040 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12D040
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC12D040 Datasheet HTML 1Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 2Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 3Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 4Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 5Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 6Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 7Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin No.
Symbol
Equivalent Circuit
Description
24–29
34–39
DA0–DA11
Digital data output pins that make up the 12-bit conversion
results of their respective converters. DA0 and DB0 are the
LSBs, while DA11 and DB11 are the MSBs of the output
word. Output levels are TTL/CMOS compatible.
42–47
52–57
DB0–DB11
ANALOG POWER
9, 18, 19,
62, 63
V
A
Positive analog supply pins. These pins should be connected
to a quiet +5V source and bypassed to AGND with 0.1 µF
monolithic capacitors located within 1 cm of these power pins,
and with a 10 µF capacitor.
3, 8, 10,
17, 20, 61,
64
AGND
The ground return for the analog supply.
DIGITAL POWER
33, 48
V
D
Positive digital supply pin. This pin should be connected to
the same quiet +5V source as is V
A and be bypassed to
DGND with a 0.1 µF monolithic capacitor located within 1 cm
of the power pin and with a 10 µF capacitor.
32, 49
DGND
The ground return for the digital supply.
30, 51
V
DR
Positive digital supply pins for the ADC12D040’s output
drivers. These pins should be connected to a voltage source
of +2.5V to +5V and bypassed to DR GND with a 0.1 µF
monolithic capacitor. If the supply for these pins are different
from the supply used for V
A and VD, they should also be
bypassed with a 10 µF tantalum capacitor. V
DR should never
exceed the voltage on V
D. All bypass capacitors should be
located within 1 cm of the supply pin.
23, 31, 40,
50, 58
DR GND
The ground return for the digital supply for the ADC12D040’s
output drivers. These pins should be connected to the system
digital ground, but not be connected in close proximity to the
ADC12D040’s DGND or AGND pins. See Section 5 (Layout
and Grounding) for more details.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com