Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D040 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12D040
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button ADC12D040 Datasheet HTML 12Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 13Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 14Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 15Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 16Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 17Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 18Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 19Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Functional Description
Operating on a single +5V supply, the ADC12D040 uses a
pipelined architecture and has error correction circuitry to
help ensure maximum performance. The differential analog
input signal is digitized to 12 bits. The reference input is
buffered to ease the task of driving that pin.
The output word rate is the same as the clock frequency,
which can be between 100 kSPS and 55 MSPS (typical).
The analog input voltage is acquired at the rising edge of the
clock and the digital data for a given sample is delayed by
the pipeline for 6 clock cycles.
A logic high on the power down (PD) pin reduces the con-
verter power consumption to 75 mW.
Applications Information
1.0 OPERATING CONDITIONS
We recommend that the following conditions be observed for
operation of the ADC12D040:
4.75V
≤ V
A
≤ 5.25V
V
D =VA
2.35V
≤ V
DR
≤ V
D
100 kHz
≤ f
CLK
≤ 55 MHz
1.0V
≤ V
REF
≤ 2.2V
1.1 Analog Inputs
The ADC12D040 has two analog signal inputs, V
IN+ and
V
IN−. These two pins form a differential input pair. There is
one reference input pin, V
REF.
1.2 Reference Pins
The ADC12D040 is designed to operate with a 2.0V refer-
ence, but performs well with reference voltages in the range
of 1.0V to 2.2V. Lower reference voltages will decrease the
signal-to-noise ratio (SNR) of the ADC12D040. Increasing
the reference voltage (and the input signal swing) beyond
2.2V will degrade THD for a full-scale input. It is very impor-
tant that all grounds associated with the reference voltage
and the input signal make connection to the analog ground
plane at a single point to minimize the effects of noise
currents in the ground path.
The three Reference Bypass Pins (V
RP,VRM and VRN) are
made available for bypass purposes only. These pins should
each be bypassed to ground with a 0.1 µF capacitor. DO
NOT LOAD these pins.
1.3 Signal Inputs
The signal inputs are V
IN+ and VIN−. The input signal, VIN,is
defined as
V
IN =(VIN+)– (VIN−)
Figure 2 shows the expected input signal range.
Note that the common mode input voltage range is 1V to 3V
with a nominal value of V
A/2. The input signals should re-
main between ground and 4V.
The Peaks of the individual input signals (V
IN+ and VIN−)
should each never exceed the voltage described as
V
IN+,VIN− =VREF/2+VCM
≤ 4V (differential)
to maintain THD and SINAD performance.
The ADC12D040 performs best with a differential input with
each input centered around V
CM. The peak-to-peak voltage
swing at both V
IN+ and VIN− should not exceed the value of
the reference voltage or the output data will be clipped. The
two input signals should be exactly 180˚ out of phase from
each other and of the same amplitude. For single frequency
inputs, angular errors result in a reduction of the effective full
scale input. For a complex waveform, however, angular
errors will result in distortion.
For angular deviations of up to 10 degrees from these two
signals being 180 out of phase, the full scale error in LSB
can be described as approximately
E
FS = dev
1.79
Where dev is the angular difference between the two signals
having a 180˚ relative phase relationship to each other (see
Figure 3). Drive the analog inputs with a source impedance
less than 100
Ω.
For differential operation, each analog input signal should
have a peak-to-peak voltage equal to the input reference
voltage, V
REF, and be centered around VCM. For single
ended operation, one of the analog inputs should be con-
nected to the d.c. common mode voltage of the driven input.
The peak-to-peak differential input signal should be twice the
reference voltage to maximize SNR and SINAD performance
(Figure 2b). For example, set V
REF to 1.0V, bias VIN− to 1.0V
and drive V
IN+ with a signal range of 0V to 2.0V. Because
very large input signal swings can degrade distortion perfor-
mance, better performance with a single-ended input can be
obtained by reducing the reference voltage when maintain-
ing a full-range output. Tables 1, 2 indicate the input to
output relationship of the ADC12D040.
20046011
FIGURE 2. Expected Input Signal Range
20046012
FIGURE 3. Angular Errors Between the Two Input
Signals Will Reduce the Output Level
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com