Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D040 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12D040
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC12D040 Datasheet HTML 2Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 3Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 4Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 5Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 6Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 7Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 9Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
A,VD,VDR
6.5V
V
DR
V
D + 0.3V
|V
A–VD|
≤ 100 mV
Voltage on Any Input or Output Pin
−0.3V to V
A or VD
+0.3V
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility
Human Body Model (Note 5)
2500V
Machine Model (Note 5)
250V
Soldering Temperature,
Infrared, 10 sec. (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A,VD)
+4.75V to +5.25V
Output Driver Supply (V
DR)
+2.35V to V
D
V
REF Input
1.0V to 2.2V
CLK, PD, OE
−0.05V to V
D + 0.05V
Analog Input Pins
−0V to (V
A − 0.5V)
|AGND–DGND|
≤100mV
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +5V, VDR =
+3.0V, PD = 0V, INT/EXT = V
D,VREF = +2.0V, OEA, OEB = 0V, fCLK = 40 MHz, tr =tf = 3 ns, CL = 20 pF/pin. Boldface lim-
its apply for T
A =TJ =TMIN to TMAX: all other limits TA =TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits(min)
INL
Integral Non Linearity (Note 11)
±0.7
±2.0
LSB(max)
DNL
Differential Non Linearity
±0.4
±1.0
LSB(max)
GE
Gain Error
Positive Error
0.51
+2.8/−1.9
%FS
Negative Error
0.68
+4/−2.7
%FS
Offset Error (V
IN+=VIN−)
−0.1
±1.2
%FS(max)
Under Range Output Code
0
0
Over Range Output Code
4095
4095
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
0 dBFS Input, Output at −3 dB
100
MHz
SNR
Signal-to-Noise Ratio
f
IN = 1 MHz, VIN = −0.5 dBFS
69
dB
f
IN = 10 MHz, VIN = −0.5 dBFS
68
66.5
dB(min)
SINAD
Signal-to-Noise and Distortion
f
IN = 1 MHz, VIN = −0.5 dBFS
69
dB
f
IN = 10 MHz, VIN = −0.5 dBFS
68
65.6
dB(min)
ENOB
Effective Number of Bits
f
IN = 1 MHz, VIN = −0.5 dBFS
11.1
Bits
f
IN = 10 MHz, VIN = −0.5 dBFS
10.9
10.6
Bits(min)
THD
Total Hamonic Distortion
f
IN = 1 MHz, VIN = −0.5 dBFS
−80
dB
f
IN = 10 MHz, VIN = −0.5 dBFS
−78
−69
dB(max)
H2
Second Harmonic
f
IN = 1 MHz, VIN = −0.5 dBFS
−84
dB
f
IN = 10 MHz, VIN = −0.5 dBFS
−80
−73
dB(max)
H3
Third Harmonic
f
IN = 1 MHz, VIN = −0.5 dBFS
−84
dB
f
IN = 10 MHz, VIN = −0.5 dBFS
−82
−69.5
dB(max)
SFDR
Spurious Free Dynamic Range
f
IN = 1 MHz, VIN = −0.5 dBFS
84
dB
f
IN = 10 MHz, VIN = −0.5 dBFS
80
69.5
dB(min)
IMD
Intermodulation Distortion
f
IN = 9.6 MHz and 10.2 MHz,
each = −6.0 dBFS
−80
dBFS
INTER-CHANNEL CHARACTERISTICS
Channel — Channel Offset Match
±0.02
%FS
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com