Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112LA Datasheet(PDF) 56 Page - SPANSION

Part # MB9AF112LA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112LA Datasheet(HTML) 56 Page - SPANSION

Back Button MB9AF112LA Datasheet HTML 52Page - SPANSION MB9AF112LA Datasheet HTML 53Page - SPANSION MB9AF112LA Datasheet HTML 54Page - SPANSION MB9AF112LA Datasheet HTML 55Page - SPANSION MB9AF112LA Datasheet HTML 56Page - SPANSION MB9AF112LA Datasheet HTML 57Page - SPANSION MB9AF112LA Datasheet HTML 58Page - SPANSION MB9AF112LA Datasheet HTML 59Page - SPANSION MB9AF112LA Datasheet HTML 60Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 121 page
background image
D a t a S h e e t
December 16, 2014, MB9A110A-DS706-00011-3v0-E
53
CONFIDENTIAL
 BLOCK DIAGRAM
Flash I/F
Cortex-M3 Core
@40 MHz(Max)
Clock Reset
Generator
Dual-Timer
WatchDog Timer
(Hardware)
DMAC
8ch
Multi-Function Timer x 2
Multi-Function Serial I/F
8ch.
(with FIFO ch.4 to 7)
& HW flow control(ch.4)
*
2
16-bit Free-Run
Timer
3ch.
16-bit Output
Compare
6ch.
16-bit Input Capture
4ch.
Waveform Generator
3ch.
A/D Activation
Compare
3ch.
16-bit PPG
3ch.
Watch Counter
Unit 0
GPIO
CSV
LVD
External Interrupt
Controller
16-pin + NMI
Power-On
Reset
TPIU*
1
ROM
Table
ETM*
1
SRAM0
8/16
Kbyte
SWJ-DP
SRAM1
8/16
Kbyte
I
D
Sys
MB9AF111LA/MA/NA, F112LA/MA/NA, F114LA/MA/NA, F115MA/NA, F116MA/NA
Base Timer
16-bit 8ch. /
32-bit 4ch.
NVIC
WatchDog Timer
(Software)
Security
12-bit A/D Converter x 3
Unit 1
Unit 2*
2
TRSTX,TCK,
TDI,TMS
TRACED[3:0],
TRACECLK
AN[15:0]
TIOA[7:0]
TIOB[7:0]
IC0[3:0]
DTTI[1:0]X
RTO0[5:0]
FRCK[1:0]
C
TDO
SCK[7:0]
SIN[7:0]
SOT[7:0]
INT[15:0]
NMIX
P0[F:0],
P1[F:0],
.
.
.
Px[x:0]
INITX
MODE-Ctrl
IRQ-Monitor
PIN-Function-Ctrl
MD[1:0]
Regulator
QPRC
2ch.
AIN[1:0]
BIN[1:0]
ZIN[1:0]
LVD Ctrl
CRC
Accelerator
IC1[3:0]
ADTGx
RTS4
CTS4
External Bus I/F*
2
MAD[24:0]
MADATA[15:0]
MCSX[7:0],
MOEX,MWEX,
MALE,
MRDY,
MCLKOUT,
MDQM[1:0]
RTO1[5:0]
On-Chip
Flash
64/128/256/384/512
Kbyte
X0
X1
X0A
PLL
CLK
CR
100kHz
Source Clock
CROUT
Main
Osc
Sub
Osc
CR
4MHz
AVCC,
AVSS,AVRH
*1: For the MB9AF111LA/MA, F112LA/MA, MB9AF114LA/MA, MB9AF115MA and MB9AF116MA,
ETM is not available.
*2: For the MB9AF111LA, F112LA and MB9AF114LA, the External Bus Interface and 12-bit A/D Converter
(unit 2) are not available. And the Multi-function Serial Interface does not support hardware flow control in
these products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com