Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112LA Datasheet(PDF) 74 Page - SPANSION

Part # MB9AF112LA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112LA Datasheet(HTML) 74 Page - SPANSION

Back Button MB9AF112LA Datasheet HTML 70Page - SPANSION MB9AF112LA Datasheet HTML 71Page - SPANSION MB9AF112LA Datasheet HTML 72Page - SPANSION MB9AF112LA Datasheet HTML 73Page - SPANSION MB9AF112LA Datasheet HTML 74Page - SPANSION MB9AF112LA Datasheet HTML 75Page - SPANSION MB9AF112LA Datasheet HTML 76Page - SPANSION MB9AF112LA Datasheet HTML 77Page - SPANSION MB9AF112LA Datasheet HTML 78Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 121 page
background image
D a t a S h e e t
December 16, 2014, MB9A110A-DS706-00011-3v0-E
71
CONFIDENTIAL
(2) Sub Clock Input Characteristics
(Vcc = 2.7V to 5.5V, Vss = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Input frequency
FCL
X0A
X1A
-
-
32.768
-
kHz
When crystal
oscillator is
connected
-
32
-
100
kHz
When using
external clock
Input clock cycle
tCYLL
-
10
-
31.25
μs
When using
external clock
Input clock pulse
width
-
PWH/tCYLL
PWL/tCYLL
45
-
55
%
When using
external clock
(3) Built-in CR Oscillation Characteristics
Built-in high-speed CR
(Vcc = 2.7V to 5.5V, Vss = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
FCRH
Ta = + 25°C
3.96
4
4.04
MHz
When trimming*
1
Ta =
0°C to + 70°C
3.84
4
4.16
Ta =
- 40°C to + 105°C
3.8
4
4.2
Ta =
- 40°C to + 105°C
3
4
5
When not trimming
Frequency
stability time
tCRWT
-
-
-
90
μs
*
2
*1 : In the case of using the values in CR trimming area of Flash memory at shipment for frequency trimming.
*2 : Frequency stable time is time to stable of the frequency of the High-speed CR.
clock after the trim value is set. After setting the trim value, the period when the frequency stability
time passes can use the High-speed CR clock as a source clock.
Built-in low-speed CR
(Vcc = 2.7V to 5.5V, Vss = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
FCRL
-
50
100
150
kHz
X0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com