Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B520M Datasheet(PDF) 32 Page - SPANSION

Part # MB9B520M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B520M Datasheet(HTML) 32 Page - SPANSION

Back Button MB9B520M Datasheet HTML 28Page - SPANSION MB9B520M Datasheet HTML 29Page - SPANSION MB9B520M Datasheet HTML 30Page - SPANSION MB9B520M Datasheet HTML 31Page - SPANSION MB9B520M Datasheet HTML 32Page - SPANSION MB9B520M Datasheet HTML 33Page - SPANSION MB9B520M Datasheet HTML 34Page - SPANSION MB9B520M Datasheet HTML 35Page - SPANSION MB9B520M Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B520M_DS706-00048-3v0-E
29
CONFIDENTIAL
Pin
function
Pin name
Function description
Pin No
LQFP-80 BGA-96
LQFP-64
QFN-64
LQFP-48
QFN-48
Multi-
function
Serial
0
SIN0_0
Multi-function serial interface ch.0
input pin
59
C11
48
36
SIN0_1
46
H9
38
29
SOT0_0
(SDA0_0)
Multi-function serial interface ch.0
output pin.
This pin operates as SOT0 when it is
used in a UART/CSIO/LIN (operation
modes 0 to 3) and as SDA0 when it is
used in an I
2C (operation mode 4).
58
D9
47
35
SOT0_1
(SDA0_1)
47
G10
39
30
SCK0_0
(SCL0_0)
Multi-function serial interface ch.0
clock I/O pin.
This pin operates as SCK0 when it is
used in a CSIO (operation mode 2)
and as SCL0 when it is used in an I
2C
(operation mode 4).
57
D10
46
34
SCK0_1
(SCL0_1)
48
G9
-
-
Multi-
function
Serial
1
SIN1_1
Multi-function serial interface ch.1
input pin
43
J10
35
26
SOT1_1
(SDA1_1)
Multi-function serial interface ch.1
output pin.
This pin operates as SOT1 when it is
used in a UART/LIN (operation
modes 0,1,3) .
44
J8
36
27
Multi-
function
Serial
2
SIN2_2
Multi-function serial interface ch.2
input pin
49
F10
40
-
SOT2_2
(SDA2_2)
Multi-function serial interface ch.2
output pin.
This pin operates as SOT2 when it is
used in a UART/CSIO/LIN (operation
modes 0 to 3) and as SDA2 when it is
used in an I
2C (operation mode 4).
53
F9
44
-
SCK2_2
(SCL2_2)
Multi-function serial interface ch.2
clock I/O pin.
This pin operates as SCK2 when it is
used in a CSIO (operation mode 2)
and as SCL2 when it is used in an I
2C
(operation mode 4).
54
E11
45
-
Multi-
function
Serial
3
SIN3_1
Multi-function serial interface ch.3
input pin
2
C1
2
2
SIN3_2
29
J5
-
-
SOT3_1
(SDA3_1)
Multi-function serial interface ch.3
output pin.
This pin operates as SOT3 when it is
used in a UART/CSIO/LIN (operation
modes 0 to 3) and as SDA3 when it is
used in an I
2C (operation mode 4).
3
C2
3
3
SOT3_2
(SDA3_2)
30
K6
-
-
SCK3_1
(SCL3_1)
Multi-function serial interface ch.3
clock I/O pin.
This pin operates as SCK3 when it is
used in a CSIO (operation mode 2)
and as SCL3 when it is used in an I
2C
(operation mode 4).
4
B3
4
4
SCK3_2
(SCL3_2)
31
J6
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com