Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B520M Datasheet(PDF) 60 Page - SPANSION

Part # MB9B520M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B520M Datasheet(HTML) 60 Page - SPANSION

Back Button MB9B520M Datasheet HTML 56Page - SPANSION MB9B520M Datasheet HTML 57Page - SPANSION MB9B520M Datasheet HTML 58Page - SPANSION MB9B520M Datasheet HTML 59Page - SPANSION MB9B520M Datasheet HTML 60Page - SPANSION MB9B520M Datasheet HTML 61Page - SPANSION MB9B520M Datasheet HTML 62Page - SPANSION MB9B520M Datasheet HTML 63Page - SPANSION MB9B520M Datasheet HTML 64Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B520M_DS706-00048-3v0-E
57
CONFIDENTIAL
*8:
・
See "List of Pin Functions" and "I/O Circuit Type" about +B input available pin.
・
Use within recommended operating conditions.
・
Use at DC voltage (current) the +B input.
・
The +B signal should always be applied a limiting resistance placed between the +B signal and the device.
・
The value of the limiting resistance should be set so that when the +B signal is applied the input current to
the device pin does not exceed rated values, either instantaneously or for prolonged periods.
・
Note that when the device drive current is low, such as in the low-power consumpsion modes, the +B input
potential may pass through the protective diode and increase the potential at the VCC and AVCC pin, and
this may affect other devices.
・
Note that if a +B signal is input when the device power supply is off (not fixed at 0 V), the power supply is
provided from the pins, so that incomplete operation may result.
・
The following is a recommended circuit example (I/O equivalent circuit).
<WARNING>
Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature,
etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
R
+B input (0V to 16V)
Protection Diode
P-ch
VCC
VCC
Limiting
resistor
N-ch
AVCC
Analog input
Digital input
Digital output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com