Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B520M Datasheet(PDF) 68 Page - SPANSION

Part # MB9B520M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B520M Datasheet(HTML) 68 Page - SPANSION

Back Button MB9B520M Datasheet HTML 64Page - SPANSION MB9B520M Datasheet HTML 65Page - SPANSION MB9B520M Datasheet HTML 66Page - SPANSION MB9B520M Datasheet HTML 67Page - SPANSION MB9B520M Datasheet HTML 68Page - SPANSION MB9B520M Datasheet HTML 69Page - SPANSION MB9B520M Datasheet HTML 70Page - SPANSION MB9B520M Datasheet HTML 71Page - SPANSION MB9B520M Datasheet HTML 72Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B520M_DS706-00048-3v0-E
65
CONFIDENTIAL
(3) Built-in CR Oscillation Characteristics
・ Built-in High-speed CR
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fCRH
TA = + 25°C
3.92
4
4.08
MHz
When trimming*
1
TA = 0°C to + 85°C
3.9
4
4.1
TA = -40°C to +
105°C
3.88
4
4.12
TA = + 25°C
VCC ≤ 3.6 V
3.94
4
4.06
TA = - 20°C ~ + 85°C
VCC ≤ 3.6 V
3.92
4
4.08
TA = - 20°C ~ +
105°C
VCC ≤ 3.6 V
3.9
4
4.1
TA =
- 40°C to + 105°C
2.8
4
5.2
When not trimming
Frequency
stabilization time
tCRWT
-
-
-
30
μs
*
2
*1: In the case of using the values in CR trimming area of Flash memory at shipment for frequency/temperature
trimming.
*2: This is the time to stabilize the frequency of high-speed CR clock after setting trimming value.
This period is able to use high-speed CR clock as source clock.
・ Built-in Low-speed CR
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fCRL
-
50
100
150
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com