Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14061CCVT Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14061CCVT
Description  Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14061CCVT Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC14061CCVT Datasheet HTML 2Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 3Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 4Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 5Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 6Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 7Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 8Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 9Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
A,VD,VD I/O)
6.5V
Voltage on Any I/O Pin
−0.3V to V
+ +0.3V
Input Current at Any Pin (Note 3)
±25mA
Package Input Current (Note 3)
±50mA
Power Dissipation at T
A = 25˚C
(Note 4)
ESD Susceptibility (Note 5)
Human Body Model
1500V
Machine Model
200V
Soldering Temp., Infrared, 10 sec. (Note 6)
300˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings(Notes 1, 2)
Operating Temperature
Range
0˚C
≤ T
A ≤ +70˚C
V
A, VD
+4.75V to +5.25V
V
D I/O
2.7V to V
D
V
REF − IN
1.0V to 3.0V
V
REF− IN
AGND to 0.1V
Digital Inputs
−0.05V to V
D + 0.05V
|V
A −VD|
≤ 100 mV
|AGND - DGND |
0V to 100 mV
Converter Electrical Characteristics
The following specifications apply for AGND = DGND = DGND I/O = 0V, V
+ = V
A = VD = +5.0V, VD I/O = 3.0V or 5.0V,
PD = +5V, V
REF+ IN = +2.0V, VREF− IN = AGND, fCLK = 2.5 MHz, CL = 50 pF/pin. After Auto-Cal @ Temperature. Boldface
limits apply for T
A = TJ = TMIN to TMAX: all other limits TA = TJ = 25˚C(Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
Static Converter Characteristics
Resolution with No
Missing Codes
14
Bits(min)
INL
Integral Non Linearity
±0.75
±2.5
LSB(max)
DNL
Differential Non Linearity
±0.3
±1.0
LSB(max)
Full-Scale Error
±0.4
±2.8
% FS(max)
Zero Offset Error
+0.1
±0.6
% FS(max)
Reference and Analog Input Characteristics
V
IN
Input Voltage Range
(V
IN+ −VIN− )
V
REF = VREF+ IN −VREF+ IN −
2.0
1.8
2.2
V(min)
V(max)
C
IN
Input Capacitance
V
IN = 1.0V + 0.7Vrms
(CLK
LOW)
12
pF
(CLK
HIGH)
28
pF
V
REF
Reference Voltage
Range [( V
REF+ IN)−
(V
REF −IN)] (Note 14)
2.00
1.8
2.2
V(min)
V(max)
Reference Input
Resistance
3.5
K
Ω
Dynamic Converter Characteristics
BW
Full Power Bandwidth
8
MHz
SNR
Signal-to-Noise Ratio
f
IN = 500 kHz, VIN = 1.9VP-P
80
dB
SINAD
Signal-to-Noise &
Distortion
f
IN = 500 kHz, VIN = 1.9VP-P
79
dB
ENOB
Effective Number of Bits
f
IN = 500 kHz, VIN = 1.9VP-P
12.8
Bits
THD
Total Harmonic
Distortion
f
IN = 500 kHz, VIN = 1.9VP-P
−88
dB
SFDR
Spurious Free Dynamic
Range
f
IN = 500 kHz, VIN = 1.9VP-P
90
dB
IMD
Intermodulation
Distortion
f
IN1 = 95 kHz
f
IN2 = 105 kHz
−97
dB
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com