Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14061CCVT Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14061CCVT
Description  Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14061CCVT Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC14061CCVT Datasheet HTML 7Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 8Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 9Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 10Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 11Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 12Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 13Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 14Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Specification Definitions
APERTURE JITTER is the variation in aperture delay from
sample to sample. Aperture jitter shows up as input noise.
APERTURE DELAY is the time required after the falling
edge of the clock for the sampling switch to open. In other
words, for the Track/Hold circuit to go from
″track″ mode into
the
″hold″ mode. The Track/Hold circuit effectively stops
capturing the input signal and goes into the
″hold″ mode t
AD
after the fall of the clock.
OFFSET ERROR is the difference between the ideal LSB
transition to the actual transition point. The LSB transition
should occur when V
IN+=VIN−.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of
the maximum deviation from the ideal step size of 1 LSB.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE
BITS) is another method of specifying Signal-to-Noise and
Distortion Ratio, or SINAD. ENOB is defined as (SINAD
−1.76) / 6.02.
FULL SCALE ERROR is the difference between the input
voltage [(V
IN+)−(VIN−)] just causing a transition to positive
full scale and V
REF − 1.5 LSB, where VREF is(VREF+ IN)−
(V
REF−IN).
FULL POWER BANDWIDTH is a measure of the frequency
at which the reconstructed output fundamental drops 3 dB
below its low frequency value for a full scale input. The test
is performed with f
IN equal to 100 kHz plus integral multiples
of f
CLK. The input frequency at which the output is −3 dB
relative to the low frequency input signal is the full power
bandwidth.
INTERMODULATION DISTORTION (IMD) is the creation of
additional spectral components as a result of two sinusoidal
frequencies being applied to the ADC input at the same time.
It is defined as the ratio of the power in the intermodulation
products to the total power in the original frequencies. IMD is
usually expressed in dB.
INTEGRAL NON-LINEARITY (INL) is a measure of the de-
viation of each individual code from a line drawn from nega-
tive full scale (1⁄2 LSB below the first code transition) through
positive full scale (the last code transition). The deviation of
any given code from this straight line is measured from the
center of that code value.
PIPELINE DELAY (LATENCY) is the number of clock cycles
between initiation of conversion and when that data is pre-
sented to the output stage. Data for any given sample is
available the Pipeline Delay plus the Output Delay after that
sample is taken. New data is available at every clock cycle,
but the data lags the conversion by the pipeline delay.
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in
dB, of the rms value of the input signal to the rms value of the
sum of all other spectral components below one-half the
sampling frequency, not including harmonics or dc.
SIGNAL TO NOISE PLUS DISTORTION (S/(N+D) or SI-
NAD)) Is the ratio, expressed in dB, of the rms value of the
input signal to the rms value of all of the other spectral com-
ponents below half the clock frequency, including harmonics
but excluding dc.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the differ-
ence, expressed in dB, between the rms values of the input
signal and the peak spurious signal, where a spurious signal
is any signal present in the output spectrum that is not
present at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio, ex-
pressed in dB or dBc, of the rms total of the first six harmonic
components, to the rms value of the input signal.
Timing Diagrams
DS100103-15
TIMING DIAGRAM 1. Output Timing
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com