Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14061CCVT Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14061CCVT
Description  Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14061CCVT Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button ADC14061CCVT Datasheet HTML 12Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 13Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 14Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 15Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 16Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 17Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 18Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 19Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Applications Information (Continued)
DS100103-20
FIGURE 7. Differential drive circuit of
Figure 6. All 5k resistors are 0.1%. Tolerance of the other resistors is not
critical.
DS100103-22
FIGURE 8. Driving the signal inputs with a transformer.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com