| Electronic Components Datasheet Search |
|
RV-3049 Datasheet(PDF) 14 Page - MICORO CRYSTAL SWITZERLAND |
|
|
|||||||||||||||||||||||||||||
RV-3049 Datasheet(HTML) 14 Page - MICORO CRYSTAL SWITZERLAND |
|
14 / 65 page ![]() Micro Crystal DTCXO Temperature Compensated Real Time Clock / Calendar Module RV-3049 14/65 Days (address 0Bh…bits description) Address Function Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0Bh Days X X 20 10 8 4 2 1 Bit Symbol Value Description 7 to 6 X - Unused 5 to 0 Days 1 to 31 This register holds the current days coded in BCD format 1) 1) The RTC compensates for leap years by adding a 29th day to February if the year counter contains a value which is exactly divisible by 4; including the year 00. Weekdays (address 0Ch…bits description) Address Function Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0Ch Weekdays X X X X X 4 2 1 Bit Symbol Value Description 7 to 3 X - Unused 2 to 0 Weekdays 1 to 7 This register holds the current weekdays coded in BCD format 1) Weekdays 1) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Sunday X X X X X 0 0 1 Monday X X X X X 0 1 0 Tuesday X X X X X 0 1 1 Wednesday X X X X X 1 0 0 Thursday X X X X X 1 0 1 Friday X X X X X 1 1 0 Saturday X X X X X 1 1 1 1) These bits may be re-assigned by the user. Months (address 0Dh…bits description) Address Function Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0Dh Months X X X 10 8 4 2 1 Bit Symbol Value Description 7 to 5 X - Unused 4 to 0 Months 1 to 12 This register holds the current months coded in BCD format 1) Months Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 January X X X 0 0 0 0 1 February X X X 0 0 0 1 0 March X X X 0 0 0 1 1 April X X X 0 0 1 0 0 May X X X 0 0 1 0 1 June X X X 0 0 1 1 0 July X X X 0 0 1 1 1 August X X X 0 1 0 0 0 September X X X 0 1 0 0 1 October X X X 1 0 0 0 0 November X X X 1 0 0 0 1 December X X X 1 0 0 1 0 1) The RTC compensates for leap years by adding a 29th day to February if the year counter contains a value which is exactly divisible by 4; including the year 00. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |