Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV-3049 Datasheet(PDF) 38 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 38 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 34Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 35Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 36Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 37Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 38Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 39Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 40Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 41Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 42Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
38/65
5.2. COMPENSATION PRINCIPLE
The Frequency Compensation Unit “FCU” is calculating every 32 seconds a Frequency Compensation Value
based on individual device data:
•
XTAL offset:
Device individual frequency deviation ±20ppm @ 25°C
•
XTAL T0:
Xtal’s turnover temperature 25°C ±5°C
•
XTAL temp. coefficient: Xtal’s frequency drift vs. temperature -0.035 ppm * (T-T0)
2 ±10%
•
Temperature:
Measured ambient temperature
Calculating the Anticipated Frequency Deviation and the Time Compensation Value
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
400
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
Temperature [°C]
Note:
The 32.768 kHz frequency is adjusted according to the calculated Time Compensation value.
The compensation itself is achieved by adding or subtracting clock-pulses to the 32.768 kHz reference clock.
One complete compensation period takes 32 seconds.
XTAL Temperature Coefficient
∆
f/f [ppm] = -0.035 * (Tamb-T0)
2 (+/-10%)
XTAL T0
T0 = 25°C (+/-5°C)
XTAL OFFSET
∆
f/f = +/-20 ppm
Calculated Time
Compensation Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com