Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV-3049 Datasheet(PDF) 51 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 51 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 47Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 48Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 49Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 50Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 51Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 52Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 53Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 54Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 55Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
51/65
Serial bus write example (Seconds register set to 45 seconds, Minutes register set to 10 minutes)
b7
0
R / W
Page Address
Seconds data 45BCD
SCL
Minutes data 10BCD
b6
0
b5
0
b4
0
b3
1
b1
0
b0
0
b7
0
B6
1
b5
0
b3
0
b2
1
b1
0
b0
1
b7
0
b5
0
b4
1
b3
0
b2
0
b1
0
SDO
address
counter
b2
0
b4
0
b6
0
b0
0
0Ah
09h
08h
XX
SDI
CE
Register Address
Command Byte
08 Hex
Write
1
2
3
3
4
High Z
High Z
Data Byte
Data Byte
1
CE goes “High”:
transmission starts. SPI interface of the RV-3049 is enabled.
2
After sending Command Byte: the command byte sets the RV-3049 in “Write Mode”, the SDO pin
remains in High-Z mode. The Page & Register address are set to 08h
(Clock page; Seconds register).
3
After writing Data Byte:
after writing of every data byte, the register address is automatically
incremented.
4
CE goes “Low”:
transmission stops. SPI Interface of the RV-3049 is disabled, SDO
remains High-Z.
Note:
In this example, the Seconds and Minutes registers are written. Pins SDI and SDO are not connected together,
since the device is accessed in write mode the SDO line remains High-Z during the whole transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com