Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2544A Datasheet(PDF) 18 Page - Pericom Semiconductor Corporation

Part # PI5USB2544A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544A Datasheet(HTML) 18 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544A Datasheet HTML 14Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 15Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 16Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 17Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 18Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 19Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 20Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 21Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 22Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0012
PT0513-3
8/31/15
18
PI5USB2544A, PI5USB2546A
USB Charging Port Controller and Load Detection Power Switch
USB Low-Speed / Full-Speed Device Recognition
PI5USB2544A/2546A series is capable of detecting LS or FS device attachment when PI5USB2544A/2546A is in SDP or CDP
mode. Per USB spec when no device is attached, the D+ and D- lines are near ground level. When a low speed compliant
device is attached to the PI5USB2544A/2546A charging port, D- line will be pulled high in its idle state (mouse/keyboard not
activated). However when a FS device is attached the opposite is true in its idle state, i.e. D+ is pulled high and D- remains at
ground level.
PI5USB2544A/2546A monitors both D+ and D- lines while CTL pin settings are in CDP or SDP mode to detect LS or FS HID
device attachment. To support HID sleep wake, PI5USB2544A/2546A must first determine that it is attached to a LS or FS
device when system is in S0 power state. PI5USB2544A/2546A does this as described above. While supporting a LS HID wake
is straight forward, supporting FS HID requires making a distinction between a FS and a HS device. This is because a high
speed device will always present itself initially as a full speed device (by a 1.5K pull up resistor on D+). The negotiation for
high speed then makes the distinction whereby the 1.5K pull up resistor gets removed.
PI5USB2544A/2546A handles the distinction between a FS and HS device at connect by memorizing if the D+ line goes low
after connect. A HS device after connect will always undergo negotiation for HS which will require the 1.5KΩ resistor pull-up
on D+ to be removed. To memorize a FS device, PI5USB2544A/2546A requires the device to remain connected for at least 11
sec while system is in S0 mode before placing it in sleep or S3 mode. If system is placed in sleep mode earlier than the 11 sec
window, a FS device may not get recognized and hence could fail to wake system from S3. This requirement does not apply for
LS device.
No CTL Pin Timing Requirement after Wake Event and Transition from S3 to S0
There is no CTL pin timing requirement for the PI5USB2544A/2546A when the wake configured USB device wakes the
system from S3 back to S0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com