Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2544A Datasheet(PDF) 19 Page - Pericom Semiconductor Corporation

Part # PI5USB2544A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544A Datasheet(HTML) 19 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544A Datasheet HTML 15Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 16Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 17Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 18Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 19Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 20Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 21Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 22Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 23Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0012
PT0513-3
8/31/15
19
PI5USB2544A, PI5USB2546A
USB Charging Port Controller and Load Detection Power Switch
Device Control Pins Truth Table
Device Control Pins Table lists all valid bias combinations for the four control pins CTL1, CTL2, CTL3 and ILIM_SEL pins
and their corresponding charging mode. It is important to note that the Device Control Pins Table purposely omits matching
charging modes of the PI5USB2544A/2546A with global power states (S0-S5) as device is agnostic to system power states.
The PI5USB2544A/2546A monitors its CTL inputs and will transition to whatever charging state it is commanded to go to
(except when LS/FS HID device is detected). For example if sleep charging is desired when system is in standby or hibernate
state then user must set PI5USB2544A/2546A control pins to correspond to DCP_Auto charging mode per below table. When
system is put back to operation mode then set control pins to correspond to SDP or CDP mode and so on.
PI5USB2546A Device Control Pins Truth Table
CTL1
CTL2
CTL3
ILIM_SEL
MODE
Current
Limit Setting
/STATUS Output
(Active low)
Comment
0
0
0
0
Discharge
NA
OFF
OUT held low
0
0
0
1
Discharge
NA
OFF
0
0
1
0
DCP_Auto
ILIM_HI
OFF
Data lines disconnected
0
0
1
1
DCP_Auto
IOS_PW &
ILIM_HI
(1)
DCP load present
(2)
Data lines disconnected and
load detect function active
0
1
0
0
SDP1
ILIM_LO
OFF
Data lines connected
0
1
0
1
SDP1
ILIM_HI
OFF
0
1
1
0
DCP_Auto
ILIM_HI
OFF
Data lines disconnected
0
1
1
1
DCP_Auto
ILIM_HI
DCP load present
(3)
Data lines disconnected and
load detect function active
1
0
0
0
DCP_Shorted
ILIM_LO
OFF
Device forced to stay in
DCP BC1.2 charging mode
1
0
0
1
DCP_Shorted
ILIM_HI
OFF
1
0
1
0
Divider-1A
ILIM_LO
OFF
Device forced to stay in
Divider-1A charging mode
1
0
1
1
Divider-1A
ILIM_HI
OFF
1
1
0
0
SDP1
ILIM_LO
OFF
Data lines connected
1
1
0
1
SDP1
ILIM_HI
OFF
1
1
1
0
SDP2
(4)
ILIM_LO
OFF
1
1
1
1
CDP
(4)
ILIM_HI
CDP load present
(5)
Data lines connected and
load detect active
Note:
(1)
PI5USB2546A: Current limit (IOS) is automatically switched between IOS_PW and the value set by ILIM_HI according to the Load Detect –Power
Wake functionality.
(2)
DCP Load present governed by the “Load Detection – Power Wake” limits.
(3)
DCP Load present governed by the “Load Detection – Non Power Wake” limits.
(4)
No OUT discharge when changing between 1111 and 1110.
(5)
CDP Load present governed by the “Load Detection – Non Power Wake” limits and BC1.2 primary detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com