Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2544A Datasheet(PDF) 26 Page - Pericom Semiconductor Corporation

Part # PI5USB2544A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544A Datasheet(HTML) 26 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544A Datasheet HTML 22Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 23Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 24Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 25Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 26Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 27Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 28Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 29Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 30Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0012
PT0513-3
8/31/15
26
PI5USB2544A, PI5USB2546A
USB Charging Port Controller and Load Detection Power Switch
Implementing PPM in a System with Two Charging Ports
Below shows the implementation of two charging ports and each port with its own PI5USB2546A. In this example 5V power
supply for the two charging ports is rated at <3A or <15W max. Both devices have RLIM chosen to correspond to the low (0.9A)
and high (1.5A) current limit setting for the port. In this implementation the system can support only one of the two ports at 1.5A
charging current while the other port is set to SDP mode and ILIMIT corresponding to 0.9A.
Figure 10, Implementing Port Power Management in a System Supporting Two Charging Ports
IN
STATUS
FAULT
5V
EN
CTL1
CTL2
CTL3
ILIM_SEL
PI5USB2546A
OUT
DM_IN
DP_IN
GND
ILIM_LO
ILIM_HI
S0-S3
69.8k
(0.6A)
29.4k (1.5A)
IN
STATUS
FAULT
EN
CTL1
CTL2
CTL3
ILIM_SEL
OUT
DM_IN
DP_IN
GND
ILIM_LO
ILIM_HI
69.8k
(0.6A)
29.4k (1.5A)
USBPort 1
USBPort 2
100k
100k
EN 1
FAULT 1
5V
EN 2
FAULT 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com