Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4066 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 4066
Description  Quad Bilateral Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

4066 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  4066 Datasheet HTML 1Page - National Semiconductor (TI) 4066 Datasheet HTML 2Page - National Semiconductor (TI) 4066 Datasheet HTML 3Page - National Semiconductor (TI) 4066 Datasheet HTML 4Page - National Semiconductor (TI) 4066 Datasheet HTML 5Page - National Semiconductor (TI) 4066 Datasheet HTML 6Page - National Semiconductor (TI) 4066 Datasheet HTML 7Page - National Semiconductor (TI) 4066 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Electrical Characteristics (Continued) CD4066BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
SIGNAL INPUTS AND OUTPUTS
RON
‘‘ON’’ Resistance
RLe10 kX to
VDDbVSS
2
VCeVDD VSS to VDD
VDDe5V
850
270
1050
1200
X
VDDe10V
330
120
400
520
X
VDDe15V
210
80
240
300
X
D
RON
D
‘‘ON’’ Resistance
RLe10 kX to
VDDbVSS
2
Between Any 2 of
VCCeVDD VISeVSS to VDD
4 Switches
VDDe10V
10
X
VDDe15V
5
X
IIS
Input or Output Leakage
VCe0
g
50
g
01
g
50
g
200
nA
Switch ‘‘OFF’’
CONTROL INPUTS
VILC
Low Level Input Voltage
VISeVSS and VDD
VOSeVDD and VSS
IISe g10mA
VDDe5V
15
225
15
15
V
VDDe10V
30
45
30
30
V
VDDe15V
40
675
40
40
V
VIHC
High Level Input Voltage
VDDe5V
35
35
275
35
V
VDDe10V (See note 6)
70
70
55
70
V
VDDe15V
110
110
825
110
V
IIN
Input Current
VDDbVSSe15V
g
03
g
10b5
g
03
g
10
m
A
VDDtVIStVSS
VDDtVCtVSS
AC Electrical Characteristics TAe25 C tretfe20 ns and VSSe0V unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL tPLH
Propagation Delay Time Signal
VCeVDD CLe50 pF (Figure 1 )
Input to Signal Output
RLe200k
VDDe5V
25
55
ns
VDDe10V
15
35
ns
VDDe15V
10
25
ns
tPZH tPZL
Propagation Delay Time
RLe10 kX CLe50 pF (Figures 2 and 3 )
Control Input to Signal
VDDe5V
125
ns
Output High Impedance to
VDDe10V
60
ns
Logical Level
VDDe15V
50
ns
tPHZ tPLZ
Propagation Delay Time
RLe10 kX CLe50 pF (Figures 2 and 3 )
Control Input to Signal
VDDe5V
125
ns
Output Logical Level to
VDDe10V
60
ns
High Impedance
VDDe15V
50
ns
Sine Wave Distortion
VCeVDDe5V VSSeb5V
01
%
RLe10 kX VISe5Vp-p fe1 kHz
(
Figure 4 )
Frequency Response-Switch
VCeVDDe5V VSSeb5V
40
MHz
‘‘ON’’ (Frequency at b3 dB)
RLe1kX VISe5Vp-p
20 Log10 VOS VOS (1 kHz)bdB
(
Figure 4 )
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com