Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4066 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 4066
Description  Quad Bilateral Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

4066 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  4066 Datasheet HTML 1Page - National Semiconductor (TI) 4066 Datasheet HTML 2Page - National Semiconductor (TI) 4066 Datasheet HTML 3Page - National Semiconductor (TI) 4066 Datasheet HTML 4Page - National Semiconductor (TI) 4066 Datasheet HTML 5Page - National Semiconductor (TI) 4066 Datasheet HTML 6Page - National Semiconductor (TI) 4066 Datasheet HTML 7Page - National Semiconductor (TI) 4066 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics (Continued) TAe25 C tretfe20 ns and VSSe0V unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Feedthrough
Switch ‘‘OFF’’
VDDe50V VCCeVSSeb50V
125
(Frequency at b50 dB)
RLe1kX VISe50Vp-p 20Log10
VOS VISeb50 dB (Figure 4)
Crosstalk Between Any Two
VDDeVC(A)e50V VSSeVC(B)e50V
09
MHz
Switches (Frequency at b50 dB)
RL1kX VIS(A)e50 Vp-p 20Log10
VOS(B) VIS(A)eb50 dB (Figure 5)
Crosstalk Control Input to
VDDe10V RLe10 kX RINe10 kX
150
mVp-p
Signal Output
VCCe10V Square Wave CLe50 pF
(Figure 6)
Maximum Control Input
RLe10 kX CLe50 pF (Figure 7)
VOS(f)e
VOS(10 kHz)
VDDe50V
60
MHz
VDDe10V
80
MHz
VDDe15V
85
MHz
CIS
Signal Input Capacitance
80
pF
COS
Signal Output Capacitance
VDDe10V
80
pF
CIOS
Feedthrough Capacitance
VCe0V
05
pF
CIN
Control Input Capacitance
50
75
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSSe0V unless otherwise specified
Note 3
These devices should not be connected to circuits with the power ‘‘ON’’
Note 4
In all cases there is approximately 5 pF of probe and jig capacitance in the output however this capacitance is included in CL wherever it is specified
Note 5
VIS is the voltage at the inout pin and VOS is the voltage at the outin pin VC is the voltage at the control input
Note 6
Conditions for VIHC a)VISeVDD IOSestandard B series IOH
b) VISe0V IOLestandard B series IOL
AC Test Circuits and Switching Time Waveforms
FIGURE 1 tPHL tPLH Propagation Delay Time Signal Input to Signal Output
FIGURE 2 tPZH tPHZ Propagation Delay Time Control to Signal Output
TLF5665 – 2
FIGURE 3 tPZL tPLZ Propagtion Delay Time Control to Signal Output
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com