Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4066 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 4066
Description  Quad Bilateral Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

4066 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  4066 Datasheet HTML 1Page - National Semiconductor (TI) 4066 Datasheet HTML 2Page - National Semiconductor (TI) 4066 Datasheet HTML 3Page - National Semiconductor (TI) 4066 Datasheet HTML 4Page - National Semiconductor (TI) 4066 Datasheet HTML 5Page - National Semiconductor (TI) 4066 Datasheet HTML 6Page - National Semiconductor (TI) 4066 Datasheet HTML 7Page - National Semiconductor (TI) 4066 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VDD)
b
05V to a18V
Input Voltage (VIN)
b
05V to VDDa05V
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
300 C
Recommended Operating
Conditions (Note 2)
Supply Voltage (VDD)
3Vto15V
Input Voltage (VIN)
0VtoVDD
Operating Temperature Range (TA)
CD4066BM
b
55 Cto a125 C
CD4066BC
b
40 Cto a85 C
DC Electrical Characteristics CD4066BM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDDe5V
025
001
025
75
m
A
VDDe10V
05
001
05
15
m
A
VDDe15V
10
001
10
30
m
A
SIGNAL INPUTS AND OUTPUTS
RON
‘‘ON’’ Resistance
RLe10 kX to
VDDbVSS
2
VCeVDD VISeVSS to VDD
VDDe5V
800
270
1050
1300
X
VDDe10V
310
120
400
550
X
VDDe15V
200
80
240
320
X
D
RON
D
‘‘ON’’ Resistance
RLe10 kX to
VDDbVSS
2
Between any 2 of
VCeVDD VISeVSS to VDD
4 Switches
VDDe10V
10
X
VDDe15V
5
X
IIS
Input or Output Leakage
VCe0
g
50
g
01
g
50
g
500
nA
Switch ‘‘OFF’’
VISe15V and 0V
VOSe0V and 15V
CONTROL INPUTS
VILC
Low Level Input Voltage
VISeVSS and VDD
VOSeVDD and VSS
IISe g10 mA
VDDe5V
15
225
15
15
V
VDDe10V
30
45
30
30
V
VDDe15V
40
675
40
40
V
VIHC
High Level Input Voltage
VDDe5V
35
35
275
35
V
VDDe10V (see note 6)
70
70
55
70
V
VDDe15V
110
110
825
110
V
IIN
Input Current
VDDbVSSe15V
g
01
g
10b5
g
01
g
10
m
A
VDDtVIStVSS
VDDtVCtVSS
DC Electrical Characteristics CD4066BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDDe5V
10
001
10
75
m
A
VDDe10V
20
001
20
15
m
A
VDDe15V
40
001
40
30
m
A
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com