Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3228 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV3228
Description  750 MHz, 8 x 8 Analog Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3228 Datasheet(HTML) 4 Page - Analog Devices

  ADV3228 Datasheet HTML 1Page - Analog Devices ADV3228 Datasheet HTML 2Page - Analog Devices ADV3228 Datasheet HTML 3Page - Analog Devices ADV3228 Datasheet HTML 4Page - Analog Devices ADV3228 Datasheet HTML 5Page - Analog Devices ADV3228 Datasheet HTML 6Page - Analog Devices ADV3228 Datasheet HTML 7Page - Analog Devices ADV3228 Datasheet HTML 8Page - Analog Devices ADV3228 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADV3228/ADV3229
Data Sheet
Rev. A | Page 4 of 24
ADV3228
ADV3229
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLIES
Supply Current
AVCC, outputs enabled, no load
52
70
58
70
mA
AVCC, outputs disabled
12
18
13
18
mA
AVEE, outputs enabled, no load
52
70
58
70
mA
AVEE, outputs disabled
12
18
14
18
mA
DVCC, outputs enabled, no load
6
6
mA
Supply Voltage Range
±4.5
±5
±5.5
±4.5
±5
±5.5
V
PSRR
DC to 50 kHz, AVCC, AVEE
<−60
<−60
dB
f = 100 kHz, AVCC, AVEE
−60
−60
dB
f = 10 MHz, AVCC
−48
−35
dB
f = 10 MHz, AVEE
−35
−55
dB
f = 100 MHz, AVCC
−25
−15
dB
f = 100 MHz, AVEE
−15
−15
dB
f = 100 kHz, DVCC
−90
−90
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (still air)
−40
+85
−40
+85
°C
θJA
Operating (still air)
29
29
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com