Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3228 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV3228
Description  750 MHz, 8 x 8 Analog Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3228 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV3228 Datasheet HTML 6Page - Analog Devices ADV3228 Datasheet HTML 7Page - Analog Devices ADV3228 Datasheet HTML 8Page - Analog Devices ADV3228 Datasheet HTML 9Page - Analog Devices ADV3228 Datasheet HTML 10Page - Analog Devices ADV3228 Datasheet HTML 11Page - Analog Devices ADV3228 Datasheet HTML 12Page - Analog Devices ADV3228 Datasheet HTML 13Page - Analog Devices ADV3228 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADV3228/ADV3229
Data Sheet
Rev. A | Page 10 of 24
TRUTH TABLE AND LOGIC DIAGRAM
Table 8. Operation Truth Table1
CE
UPDATE
CLK
DATAIN
DATAOUT
RESET
SER/PAR
Description
1
X
X
X
X
X
X
No change in logic.
0
X
DataI2
DataI-80
X
0
The data on the serial DATAIN line is loaded into the
serial register. The first bit clocked into the serial
register appears at DATAOUT 40 clock cycles later.
0
X
0
D0…D3
Not applicable in
parallel mode3
X
1
The data on the parallel data lines, D0 to D3, are
loaded into the 40-bit serial shift register location
addressed at A0 to A2.
0
0
X
X
X
1
X
Data in the 40-bit shift register transfers into the
parallel latches that control the switch array. Latches
are transparent.
X
X
X
X
X
0
X
Asynchronous operation. All outputs are disabled.
Second rank latches are cleared. Remainder of logic
is unchanged.
1
X is don’t care.
2
DataI: serial data. Reserved bit internally set to Logic 1.
3
DATAOUT remains active in parallel mode and always reflects the state of the MSB of the serial shift register.
D
CLK
Q
A0
A1
A2
CLK
8
128
DATAIN
(SERIAL)
(OUTPUT
ENABLE)
SER/PAR
CE
UPDATE
OUT0 EN
DATA
OUT
PARALLEL
RESERVED
(INTERNALLY
SET HIGHT)
DATA
D Q
CLK
D Q
CLK
D Q
CLK
D Q
CLK
D1
D2
D Q
CLK
D Q
CLK
D Q
CLK
D Q
CLK
D Q
CLK
OUT1 EN
OUT2 EN
OUT3 EN
OUT4 EN
OUT5 EN
OUT6 EN
OUT7 EN
D
LE
Q
CLR
OUT7
EN
OUTPUT ENABLE
SWITCH MATRIX
S
D1
Q
D0
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
D Q
CLK
S
D1
Q
D0
D3
DECODE
D
LE
Q
CLR
OUT0
EN
D
LE
OUT0
B0
Q
D
LE
Q
OUT0
B1
D
LE
Q
OUT0
B2
D
LE
Q
OUT0
R
D
LE
OUT1
B0
Q
D
LE
Q
CLR
OUT6
EN
D
LE
OUT7
B0
Q
D
LE
OUT7
B1
Q
D
LE
OUT7
B2
Q
D Q
CLK
S
D1
Q
D0
S
D1
Q
D0
D
LE
OUT7
R
Q
S
D1
Q
D0
RESET
(OUTPUT ENABLE)
Figure 6. Logic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com