Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3228 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV3228
Description  750 MHz, 8 x 8 Analog Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3228 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV3228 Datasheet HTML 16Page - Analog Devices ADV3228 Datasheet HTML 17Page - Analog Devices ADV3228 Datasheet HTML 18Page - Analog Devices ADV3228 Datasheet HTML 19Page - Analog Devices ADV3228 Datasheet HTML 20Page - Analog Devices ADV3228 Datasheet HTML 21Page - Analog Devices ADV3228 Datasheet HTML 22Page - Analog Devices ADV3228 Datasheet HTML 23Page - Analog Devices ADV3228 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADV3228/ADV3229
Rev. A | Page 21 of 24
THEORY OF OPERATION
The ADV3228 (G = +1) and ADV3229 (G = +2) are crosspoint
arrays with eight outputs, each of which can be connected to
any one of eight inputs. Organized by output row, eight switchable
input transconductance stages are connected to each output buffer
to form 8-to-1 multiplexers. There are eight of these multiplexers,
each with its inputs wired in parallel, for a total array of 64 trans-
conductance stages forming a multicast-capable crosspoint
switch. Each input is buffered and is not loaded by the outputs,
simplifying the construction of larger arrays using the ADV3228
or ADV3229 as a building block.
Decoding logic for each output selects one (or none) of the
transconductance stages to drive the output stage. The enabled
transconductance stage drives the output stage, and feedback
forms a closed-loop amplifier. A mask programmable feedback
network sets the closed-loop signal gain. For the ADV3228, this
gain is +1, and for the ADV3229, this gain is +2.
The output stage of the ADV3228 or ADV3229 is designed for
low differential gain and phase error when driving composite
video signals. It also provides slew current for a fast pulse response
when driving component video signals. Unlike many multiplexer
designs, these requirements are balanced such that large signal
bandwidth is very similar to small signal bandwidth. The design
load is 150 Ω, but provisions are made to drive loads as low as
100 Ω when on-chip power dissipation limits are not exceeded.
The outputs of the ADV3228/ADV3229 can be disabled to
minimize on-chip power dissipation. When disabled, there is no
feedback network loading the output. This high disabled output
impedance allows multiple ICs to be bussed together without
additional buffering. Take care to reduce output capacitance,
which results in more overshoot and frequency domain peaking.
A series of internal amplifiers drives internal nodes such that a
wideband high impedance is presented at the disabled output,
even while the output bus is under large signal swings. To keep
these internal amplifiers in their linear range of operation when
the outputs are disabled and driven externally, do not allow the
voltage applied to them to exceed the valid output swing range
for the ADV3228/ADV3229. If the disabled outputs are left
floating, they may exhibit high enable glitches. If necessary,
the disabled output can be kept from drifting out of range by
applying an output load resistor to ground.
The connection of the ADV3228/ADV3229 is controlled by a
flexible TTL-compatible logic interface. Either parallel or serial
loading into a first rank of latches preprograms each output. A
global update signal moves the programming data into the second
rank of latches, simultaneously updating all outputs. In serial
mode, a serial output pin allows devices to be daisy-chained
together for single pin programming of multiple ICs. A power-
on reset pin is available to avoid bus conflicts by disabling all
outputs. This power-on reset clears the second rank of latches
but does not clear the first rank of latches. In serial mode, pre-
programming individual inputs is not possible, and the entire
shift register must be flushed.
To easily interface to ground-referenced video signals, the
ADV3228/ADV3229 operate on split ±5 V supplies. The logic
inputs and output run on a single 5 V supply, and the logic
inputs switch at approximately 1.6 V for compatibility with a
variety of logic families. The serial output buffer is a rail-to-rail
output stage with 5 mA of drive capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com