Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7779 Datasheet(PDF) 37 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7779 Datasheet HTML 33Page - Analog Devices AD7779 Datasheet HTML 34Page - Analog Devices AD7779 Datasheet HTML 35Page - Analog Devices AD7779 Datasheet HTML 36Page - Analog Devices AD7779 Datasheet HTML 37Page - Analog Devices AD7779 Datasheet HTML 38Page - Analog Devices AD7779 Datasheet HTML 39Page - Analog Devices AD7779 Datasheet HTML 40Page - Analog Devices AD7779 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 37 of 97
CONTROLLING THE AD7779
The AD7779 can be controlled using either pin control mode or
SPI control mode.
Pin control mode allows the AD7779 to be hardwired to predefined
settings that offer a subset of the overall functionality of the
AD7779. In this mode, the SRC and diagnostic features or
extended errors source are not available.
Controlling the AD7779 over the SPI interface allows the user
access to the full monitoring, diagnostic, and -Δ control
functionality. SPI control offers additional functionality such
as offset, gain, and phase correction per channel, in addition to
access to the flexible SRC to achieve a coherent sampling.
See Table 17 for more details about these different configurations.
PIN CONTROL MODE
In pin control mode, the AD7779 is configured at power-up
based on the level of the mode pins, MODE 0, MODE1, MODE2,
and MODE3. These four pins set the following functions on the
AD7779: the mode of operation, the decimation rate/ODR, the
PGA gain, and the reference source, as shown in Table 18.
Due to the limited number of mode pins and the number of
options available, the PGA gain control is grouped into blocks
of 4, and the ODR is selected for the maximum value defined by
the decimation rate; ODR (kHz) = 2048/decimation for high
resolution mode, and ODR (kHz) = 512/decimation for low
power mode.
Depending on the mode selected, the device is configured to
use an external or an internal reference.
The conversion data can be read back using the SPI interface or
the data output interface, as shown in Table 17. If the data output
interface is used to read back the data from the conversions, the
number of DOUTx lines enabled and the number of clocks
required for the -Δ data transfer are determined by the logic level
of the CONV_SAR, FORMAT0, and FORMAT1 pins. In this case,
the DCLK2, DCLK1, and DCLK0 pins select the -Δ output
interface and control the DCLKx divide function, which is a
submultiple of MCLK, as shown in Table 19. The DCLKx divide
function sets the frequency of the data output interface DCLKx
signal. The DCLK minimum frequency depends on the decim-
ation rate and operation mode. See the Data Output Interface
section for more details about the minimum DCLKx frequency.
All the pins that define the AD7779 configuration mode are
reevaluated each time the SYNC_IN pin is pulsed. The typical
connection diagram for pin control mode is shown in Figure 97.
Table 17. Format of the Data Interface
CONV_SAR State
FORMAT1
FORMAT0
Control Mode
Data Output Mode
1
0
0
Pin
SPI output
0
1
Pin
SPI output
1
1
Pin
SPI output
1
1
SPI
Defined in Register 0x014
0
0
0
Pin
DOUT0, Channel 0 to Channel 1
DOUT1, Channel 2 to Channel 3
DOUT2, Channel 4 to Channel 5
DOUT3, Channel 5 to Channel 7
0
1
Pin
DOUT0, Channel 0 to Channel 3
DOUT1, Channel 4 to Channel 7
1
0
Pin
DOUT0, Channel 0 to Channel 7
1
1
SPI
Defined in Register 0x014
Table 18. Pin Mode Options
Pin State
Decimation
Rate
Power Mode
PGA Gain Channel
Reference
Type
MODE3
MODE2
MODE1
MODE0
Channel 0 to
Channel 3
Channel 4 to
Channel 7
0
0
0
0
1024
High resolution
1
1
External
0
0
0
1
512
High resolution
1
1
External
0
0
1
0
256
High resolution
1
1
External
0
0
1
1
128
High resolution
1
1
External
0
1
0
0
256
High resolution
1
2
External
0
1
0
1
512
High resolution
1
4
External
0
1
1
0
256
High resolution
1
4
External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com