Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7779 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7779 Datasheet HTML 21Page - Analog Devices AD7779 Datasheet HTML 22Page - Analog Devices AD7779 Datasheet HTML 23Page - Analog Devices AD7779 Datasheet HTML 24Page - Analog Devices AD7779 Datasheet HTML 25Page - Analog Devices AD7779 Datasheet HTML 26Page - Analog Devices AD7779 Datasheet HTML 27Page - Analog Devices AD7779 Datasheet HTML 28Page - Analog Devices AD7779 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 25 of 97
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–2.5 –2.0 –1.5 –1.0 –0.5
0
0.5
1.0
1.5
2.0
2.5
DIFFERENTIAL INPUT VOLTAGE ((AINx+) – (AINx–))
AINx+ VCM = 1.95V
AINx– VCM = 1.95V
AINx+ VCM = 1.35V
AINx– VCM = 1.35V
VREF = 2.5V
VIN = 2.5V
AVDD1 = 3.3V
Figure 56. Input Current vs. Differential Input Voltage, High Resolution Mode
–6
–5
–4
–3
–2
–1
0
1
2
4
3
5
TEMPERATURE (°C)
VREF =2.5V
VIN =2.5V
AVDD1x = 3.3V
AIN0+
AIN0–
AIN2+
AIN2–
Figure 57. Absolute Input Current vs. Temperature, High Resolution Mode
0
–2.5 –2.0 –1.5 –1.0
–0.5
0
0.5
1.0
1.5
2.5
2.0
DIFFERENTIAL INPUT VOLTAGE ((AINx+) – (AINx–))
–2.0
–1.5
–1.0
–0.5
0.5
1.0
1.5
2.0
AINx+ – AINx– VCM = 1.95V
AINx+ – AINx– VCM = 1.35V
VREF =2.5V
VIN =2.5V
AVDD1x = 3.3V
Figure 58. Differential Input Current vs. Differential Input Voltage,
High Resolution Mode
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
– 2.5 –2.0–1.5–1.0–0.5
0
0.5
1
1.5
2
2.5
VREF =2.5V
VIN =2.5V
AVDD1x = 3.3V
DIFFERENTIAL INPUT VOLTAGE ((AINx+) – (AINx–))
AINx+ VCM = 1.95V
AINx– VCM = 1.95V
AINx+ VCM = 1.35V
AINx– VCM = 1.35V
Figure 59. Input Current vs. Differential Input Voltage, Low Power Mode
–6
–5
–4
–3
–2
–1
0
1
2
3
4
TEMPERATURE (°C)
VREF =2.5V
VIN =2.5V
AVDD1x = 3.3V
AIN0+
AIN0–
AIN2+
AIN2–
Figure 60. Absolute Input Current vs. Temperature, Low Power Mode
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–2.5 –2.0 –1.5 –1.0
–0.5
0
0.5
1.0
1.5
2.5
2.0
DIFFERENTIAL INPUT VOLTAGE ((AINx+) – (AINx–))
AINx+ – AINx– VCM = 1.95V
AINx+ – AINx– VCM = 1.35V
Figure 61. Differential Input Current vs. Differential Input Voltage,
Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com