Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7779 Datasheet(PDF) 44 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD7779 Datasheet HTML 40Page - Analog Devices AD7779 Datasheet HTML 41Page - Analog Devices AD7779 Datasheet HTML 42Page - Analog Devices AD7779 Datasheet HTML 43Page - Analog Devices AD7779 Datasheet HTML 44Page - Analog Devices AD7779 Datasheet HTML 45Page - Analog Devices AD7779 Datasheet HTML 46Page - Analog Devices AD7779 Datasheet HTML 47Page - Analog Devices AD7779 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 44 of 97
SPI SAR Diagnostic Mode (SPI Control Mode)
Setting Bit 5 in the GENERAL_USER_CONFIG_2 register
configures the SDO line to shift out data from the SAR ADC
conversions, as described in Table 26.
In SAR mode, the AD7779 internal registers can be written to,
but any readback command is ignored because the SDO data
frame is dedicated to shift out the conversion results from the
SAR ADC.
To exit this mode of operation, reset Bit 5 in the GENERAL_
USER_CONFIG_2 register.
The data on the SDO line during the SPI transfer contains a
4-bit 0010 header and 12 bits of the SAR conversion result if the
CRC is disabled.
When the CRC is enabled, a minimum frame length of 24 SCLKs
is required on SPI transfers. The 24 bits of data on the SDO line
consist of a 4-bit header (0010), 12 bits of data, and an 8-bit
CRC, as shown in Figure 103.
Per the SPI read/write register mode (see the SPI Read/Write
Register Mode section), the SDI line contains the R/W bit, a 7-bit
register address, 8 bits of data, and an 8-bit CRC (if enabled). To
avoid unwanted writes to the internal register while the SAR
conversions are read back through the SDO line, it is recom-
mended to send a readback command, for example, 0x8000,
to the device, which is ignored because the SDO pin is used to
shift out the content of the SAR ADC.
If consecutives conversion are performed in the SAR ADC, read
back the result from the previous conversion before a new
conversion is generated. Otherwise, the results are corrupted.
-∆ Data, ADC Mode
In pin control mode, the SPI interface can be used to read back
the -Δ conversions as described in Table 17. In SPI control
mode, the SPI interface reads back the -Δ conversions by setting
GENERAL_USER_CONFIG_3, Bit 4, as described in Table 26; in
this mode, the AD7779 internal register can be written to, but any
readback command is ignored because the SDO data frame is
dedicated to shifting out the conversion results from the -Δ
ADCs. To avoid unwanted writes to the internal register, it is
recommended to send a readback command, for example, 0x8000,
to the device, which is ignored because the SDO pin is used to
shift out the content of the -Δ ADC.
The SDO pin data can be read back in any multiple of 8 bits, for
example, as 64 bits, 2 × 32 bits, 4 × 16 bits, or 8 × 8 bits.
SPI Software Reset
Keeping the SDI pin high during 64 consecutives clocks
generates a software reset.
R/W
A6A5A4
A3
A2A1
A0
D6
D7
D5
D4
D3
D2
D1
D0 ICRC7 ICRC6 ICRC5 ICRC4 ICRC3 ICRC2 ICRC1 ICRC0
0
SDO
CS
SCLK
SDI
010
SAR
11
SAR
10
SAR
9
SAR
8
SAR
6
SAR
7
SAR
5
SAR
4
SAR
3
SAR
2
SAR
1
SAR
0
ICRC7 ICRC6 ICRC5 ICRC4 ICRC3 ICRC2 ICRC1 ICRC0
Figure 103. SAR ADC/Diagnostic Mode—CRC Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com