Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR31313A Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3WVR31313A
Description  DP/HDMI 1:3 De-multiplexer switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR31313A Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3WVR31313A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
PI3WVR31313A
DP/HDMI 1:3 De-multiplexer switches
www.pericom.com
12/03/15
All trademarks are property of their respective owners.
pin#
pin Name
Signal Type
Description
52
55
53
56
57
58
AUX1N/SDA1
AUX2N/SDA2
AUX1P/SCL1
AUX2P/SCL2
SDA3
SCL3
IO
AUX (DP) or DDC (HDMI) to three ports
60
59
AUXN
AUXP
IO
AUX to DP-source
3
2
SDA
SCL
IO
DDC to DP-source
32
20
19
5
HPD1
HPD2
HPD3
HPD_SRC
I
I
I
O
HPD1-3 for port1-3;
HPD_SRC to DP-source
51
54
6
CAB_1
CAB_2
CAB_SRC
IO
CAB_1: CAB_DET to port1
CAD_2: CAB_DET to port2
CAB_SRC: CAB_DET to DP-source
No CAB_DET for HDMI port3
1
OEB
I
OEB=0, device active; OEB=1, device shut down
15
SDA_CTL/PRI_SE
I
MS=0, PRI_SEL selects priority in pin control mode;
MS=1, SDA_CTL as SDA in I2C control mode
16
SCL_CTL/EQ
IO
MS=0, EQ selects equalization in pin control mode;
MS=1, SCL_CTL as SCL in I2C control mode
17
I2C_A1/PRE_EMP
I
MS=0, PRE_EMP selects Pre-emphasis in pin control mode;
MS=1, I2C_A1 as I2C address A1 in I2C control mode
18
I2C_A2/ROUT_SEL
I
MS=0, ROUT_SEL selects source termination in pin control
mode;
MS=1, I2C_A2 as I2C address A2 in I2C control mode
31
MS
I
Mode Select: MS pin with weak pull low resistor > 500Kohm
MS=0 or half VDD input level for pin control mode,
MS=1 for I2C control mode
33
CEXT
O
Internal LDO bypass capacitance, 4.7uf to GND
4, 23, 28, 50
VDD
Power
3.3V VDD
Center Pad
GND
Ground
Bottom GND EPAD
15-0162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com