Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR31313A Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3WVR31313A
Description  DP/HDMI 1:3 De-multiplexer switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR31313A Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3WVR31313A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR31313A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
PI3WVR31313A
DP/HDMI 1:3 De-multiplexer switches
www.pericom.com
12/03/15
All trademarks are property of their respective owners.
Block Diagram
VDD
LDO
CEXT CAB_SRC HPD_SRC
120K
120K
HPD1
HPD2
CAB_1
100K pull High
AUXP
AUXN
SDA
SCL
AUX1P/SCL1
AUX1N/SDA1
SDA3
SCL3
D[0:3]P1
D[0:3]N1
D[0:3]P
D[0:3]N
D[0:3]P3
D[0:3]N3
GND
Rpd
Rpd
RT
RT
0//VDD
VDD
ROUT
ROUT
Port select
OEB
MS
PRI_SEL
EQ
PRE_EMP
ROUT_SEL
Control & Status
Register
I2C
Controller
SDA_CTL
SCL_CTL
(share pins)
I2C_A1, A2
(share pins)
120K
HPD3
CAB_2
AUX2P/SCL2
AUX2N/SDA2
D[0:3]P2
D[0:3]N2
cable ID
GND
10K pull
Low
15-0162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com