Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7VD9004ABH Datasheet(PDF) 69 Page - Pericom Semiconductor Corporation

Part # PI7VD9004ABH
Description  Adaptive EQ 8-channel 960H Video Decoder
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 69 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 73Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
69
PI7VD9008ABH
Adaptive EQ 8-channel 960H Video Decoder
www.pericom.com
12/12/14
TS4
TH4
TH6
TS6
PIXOUT
(54MHz)
PIXOUT
(27MHz)
PIXOUT
(54MHz)
OTBM is operated at 54/27MHz
Audio Electrical Characteristics
Symbol
Parameters
Test Condition
Min.
Typ.
Max. Unit
TS_LRCK_R
Setup Time for LRCK_R
Slave Mode
0.2
ns
TH_LRCK_R
Hold Time for LRCK_R
0.4
ns
TS_PB
Setup Time for LRCK_P and SDIN_P
0.1
ns
TH_PB
Hold Time for LRCK_P and SDIN_P
Master Mode
0.55
ns
TRM_PD
Propagation Delay for SDOUT_R/M,
LRCK_R
2.6
5.9
ns
TPB_PD
Propagation Delay for LRCK_P
2.2
4.8
ns
TS_LRCK_R, TS_PB
SCLK_R,
SCLK_P
TH_LRCK_R,
TH_PB
LRCK_R,
LRCK_P
SDIN_P
Digital Serial Audio Interface Slave Mode Timing Diagram
14-0207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com