Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7VD9004ABH Datasheet(PDF) 29 Page - Pericom Semiconductor Corporation

Part # PI7VD9004ABH
Description  Adaptive EQ 8-channel 960H Video Decoder
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 29 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 33Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
29
PI7VD9008ABH
Adaptive EQ 8-channel 960H Video Decoder
www.pericom.com
12/12/14
[3:2]
Select Output Data In
Data52 Position
RW
0: LINE_IN4
1: LINE_IN9
2: LINE_IN14
3: LINE_IN19
[5:4]
Select Output Data In
Data53 Position
RW
0: LINE_IN4
1: LINE_IN9
2: LINE_IN14
3: LINE_IN19
[7:6]
Select Output Data In
Data54 Position
RW
0: LINE_IN4
1: LINE_IN9
2: LINE_IN14
3: LINE_IN19
SDOUT_M REGISTER– OFFSET 7EH(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[5:0]
Reserved
R
Reset to 00b
[6]
SDOUT_M
I2S OEN
R/W
Define SDOUT_M pin output 2 word data
to make standard I2S output
0: Mixing Data or Playback input data are only output on SDOUT_M
1:L/R data on SDOUT_M pin is selected by 0x7B and 0x7C
[7]
A5OUTOFF
R/W
0:LINE_IN4/LINE_IN9/LINE_IN14
/LINE_IN19 output on SDOUT_R
1:LINE_IN4/LINE_IN9/LINE_IN14
/LINE_IN19 not output on SDOUT_R
MIX RATIO VALUE FOR LINE_IN4 REGISTER – OFFSET 7FH(Default=00H)
BIT
FUNCTION
TYPE
DESCRIPTION
[3:0]
Mix_Ratio4
RW
LINE_IN4 ratio value for audio mixing function
0 : 1/2^8
1 : 1/2^7
2 : 1/2^6
3 : 1/2^5
4 : 1/2^4
5 : 1/2^3
6 : 1/2^2
7 : 1/2^1
other : 100%
[7:4]
Reserved
R
Reset to 00b
14-0207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com