Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7VD9004ABH Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI7VD9004ABH
Description  Adaptive EQ 8-channel 960H Video Decoder
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
11
PI7VD9008ABH
Adaptive EQ 8-channel 960H Video Decoder
www.pericom.com
12/12/14
PIXCLK_P
VIN_0
FF
00
00
VIN_1
PIXCLK_N
XY
Cb0
Y0
Cb10
Y10
Cr10
Y11
Cb11
Y11
PIXOUT_x
FF
Cb10
00
Y10
00
Cr10
XY
Y11
Cb0
Cb11
Y0
Y11
Time-multipexed Format with 54/ 72MHz
ANALOG AUDIO INPUT
The audioADC offers 5 channels of analog inputs (LINE_INx, x= 0, 1, 2, 3, 4, 5, 6, 7, 8, 9) with a peak-to-peak voltage range from
0.5V to 2V. Each input channel contains 4-bit programmable gain amplifier and an ADC with maximum over-sampling speed of 3.6M
Sample/s. A pseudo differential input is used to minimize board level noise problems. The converted audio data stream is fed into a low
pass filter to decimate audio sample at an appropriate audio sampling rate such as 8 KHz, 16 KHz, 32 KHz, 44.1 KHz and 48 KHz etc.
AUDIO PROCESSING
The audio processor accepts 5 digital audio streams from audio ADC. It also receives 2 additional digital serial audio data from pins.
One digital serial audio data is SDIN_P coming from AV compression processor, while the other one is SD_LINKI coming from com-
panion device.
SDIN_P represents the decompressed audio data for playback purpose. SD_LINKI is used to cascade with digital audio outputs from
one other PI7VD9008ABH chips for forming one timing multiplexed I2S digital serial audio data containing 8 or 10 digital audio
channels. This device processes these 10 digital audio streams and 2 digital serial audio data, then generates one mixing analog audio
signal and three digital serial audio data to fulfill the functions of mixing, recording and cascading etc.
For audio mixing, this device has both analog and digital format. The built-in mixer selects among all audio input data to generate the
mixing digital audio data (SDOUT_M), which connects to audio DAC for converting to mixing analog audio signal output (LINE_OUT).
For audio recording, the audio processor performs multiplexing over 16 digital audio streams in timing division way to generate record
digital audio output data (SDOUT_R). For the digital serial audio data SDOUT_R and SDOUT_M, they are both synchronized with
SCLK_R and LRCK_R. As to SDIN_P, it is synchronized with SCLK_P and LRCK_P. These digital serial audio data support two
formats of I2S and DSP that can be selected by control bits RM_SYNC in the register at offset 0xD2 and PB_SYNC in the register at
offset 0xDB. Meanwhile, the record and playback digital serial audio interfaces of PI7VD9008ABH can be acted as Master or Slave
mode based upon the setting of ACLKRMASTER and PB_MASTER bits in the register at offset 0xDB
This device supports audio system clock with 256fs or 320fs mode, which is controlled by AIN5MD register. The record output pin con-
tains several channel inputs that can be defined by the registers at offset of 0xD2~ 0xDAdescribing the number and sequence of recorded
audio streams. It supports 8bit and 16bit record data width for trading off between higher audio qualities and saving disk storage space.
By controlling bit2 of register at offset 0xDB, the chip allows to select the output record data width to be either 8-bit or 16-bit mode.
14-0207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com