Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM4151BRIZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADuM4151BRIZ
Description  5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4151BRIZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADuM4151BRIZ Datasheet HTML 9Page - Analog Devices ADuM4151BRIZ Datasheet HTML 10Page - Analog Devices ADuM4151BRIZ Datasheet HTML 11Page - Analog Devices ADuM4151BRIZ Datasheet HTML 12Page - Analog Devices ADuM4151BRIZ Datasheet HTML 13Page - Analog Devices ADuM4151BRIZ Datasheet HTML 14Page - Analog Devices ADuM4151BRIZ Datasheet HTML 15Page - Analog Devices ADuM4151BRIZ Datasheet HTML 16Page - Analog Devices ADuM4151BRIZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
ADuM4151/ADuM4152/ADuM4153
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 18.
Parameter
Rating
Storage Temperature (TST) Range
−65°C to +150°C
Ambient Operating Temperature (TA)
Range
−40°C to +125°C
Supply Voltages (VDD1, VDD2)
−0.5 V to +7.0 V
Input Voltages (VIA, VIB, VIC, MCLK, MO,
SO, MSS)
−0.5 V to VDDx + 0.5 V
Output Voltages (SCLK, SSS, MI, SI,
VOA, VOB, VOC)
−0.5 V to VDDx + 0.5 V
Average Current per Output Pin1
−10 mA to +10 mA
Common-Mode Transients2
−100 kV/µs to +100 kV/µs
1
See Figure 4 for maximum safety rated current values across temperature.
2
Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-up
or permanent damage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Table 19. Maximum Continuous Working Voltage1
Parameter
Value
Constraint
60 Hz AC Voltage
400 V rms
20-year lifetime at
0.1% failure rate, zero
average voltage
DC Voltage
1173 V peak
Limited by the
creepage of the
package,
Pollution Degree 2,
Material Group II2, 3
1
See the Insulation Lifetime section for more details.
2
Other pollution degree and material group requirements yield a different limit.
3
Some system level standards allow components to use the printed wiring
board (PWB) creepage values. The supported dc voltage may be higher for
those standards.
ESD CAUTION
Rev. A | Page 13 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com