Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM4151BRIZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADuM4151BRIZ
Description  5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4151BRIZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADuM4151BRIZ Datasheet HTML 14Page - Analog Devices ADuM4151BRIZ Datasheet HTML 15Page - Analog Devices ADuM4151BRIZ Datasheet HTML 16Page - Analog Devices ADuM4151BRIZ Datasheet HTML 17Page - Analog Devices ADuM4151BRIZ Datasheet HTML 18Page - Analog Devices ADuM4151BRIZ Datasheet HTML 19Page - Analog Devices ADuM4151BRIZ Datasheet HTML 20Page - Analog Devices ADuM4151BRIZ Datasheet HTML 21Page - Analog Devices ADuM4151BRIZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
ADuM4151/ADuM4152/ADuM4153
Rev. A | Page 21 of 22
Surface Tracking
Surface tracking is addressed in electrical safety standards by
setting a minimum surface creepage based on the working
voltage, the environmental conditions, and the properties of the
insulation material. Safety agencies perform characterization
testing on the surface insulation of components that allow the
components to be categorized into different material groups.
Lower material group ratings are more resistant to surface
tracking and, therefore, can provide adequate lifetime with
smaller creepage. The minimum creepage for a given working
voltage and material group is in each system level standard and
is based on the total rms voltage across the isolation, pollution
degree, and material group. The material group and creepage
for the ADuM4151/ADuM4152/ADuM4153 isolators are
detailed in Table 15.
Insulation Wear Out
The lifetime of insulation due to wear out is determined by its
thickness, the material properties, and the voltage stress applied.
It is important to verify that the product lifetime is adequate at
the application working voltage. The working voltage supported
by an isolator for wear out may not be the same as the working
voltage supported for tracking. It is the working voltage
applicable to tracking that is specified in most standards.
Testing and modeling have shown that the primary driver of
long-term degradation is displacement current in the polyimide
insulation causing incremental damage. The stress on the
insulation can be broken down into broad categories, such as
dc stress, which causes very little wear out because there is no
displacement current, and an ac component time varying
voltage stress, which causes wear out.
The ratings in certification documents are usually based on 60 Hz
sinusoidal stress because this stress reflects isolation from line
voltage. However, many practical applications have combinations
of 60 Hz ac and dc across the barrier, as shown in Equation 1.
Because only the ac portion of the stress causes wear out, the
equation can be rearranged to solve for the ac rms voltage, as
shown in Equation 2. For insulation wear out with the
polyimide materials used in this product, the ac rms voltage
determines the product lifetime.
2
2
DC
RMS
AC
RMS
V
V
V
(1)
or
2
2
DC
RMS
RMS
AC
V
V
V
(2)
where:
VAC RMS is the time varying portion of the working voltage.
VRMS is the total rms working voltage.
VDC is the dc offset of the working voltage.
Calculation and Use of Parameters Example
The following is an example that frequently arises in power
conversion applications. Assume that the line voltage on one
side of the isolation is 240 V ac rms, and a 400 V dc bus voltage
is present on the other side of the isolation barrier. The isolator
material is polyimide. To establish the critical voltages in
determining the creepage clearance and lifetime of a device, see
Figure 19 and the following equations.
TIME
VAC RMS
VRMS
VDC
VPEAK
Figure 19. Critical Voltage Example
The working voltage across the barrier from Equation 1 is
2
2
DC
RMS
AC
RMS
V
V
V
2
2
400
240 
RMS
V
VRMS = 466 V
The 466 V rms is the working voltage used together with the
material group and pollution degree when looking up the
creepage required by a system standard.
To determine if the lifetime is adequate, obtain the time varying
portion of the working voltage. The ac rms voltage can be
obtained from Equation 2.
2
2
DC
RMS
RMS
AC
V
V
V
2
2
400
466 
RMS
AC
V
VAC RMS = 240 V
In this case, the ac rms voltage is simply the line voltage of
240 V rms. This calculation is more relevant when the waveform is
not sinusoidal. The value is compared to the limits for the working
voltage listed in Table 19 for the expected lifetime, less than a 60 Hz
sine wave, and it is well within the limit for a 50-year service life.
Note that the dc working voltage limit in Table 19 is set by the
creepage of the package as specified in IEC 60664-1. This value
may differ for specific system level standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com