Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM4151BRIZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADuM4151BRIZ
Description  5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4151BRIZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADuM4151BRIZ Datasheet HTML 12Page - Analog Devices ADuM4151BRIZ Datasheet HTML 13Page - Analog Devices ADuM4151BRIZ Datasheet HTML 14Page - Analog Devices ADuM4151BRIZ Datasheet HTML 15Page - Analog Devices ADuM4151BRIZ Datasheet HTML 16Page - Analog Devices ADuM4151BRIZ Datasheet HTML 17Page - Analog Devices ADuM4151BRIZ Datasheet HTML 18Page - Analog Devices ADuM4151BRIZ Datasheet HTML 19Page - Analog Devices ADuM4151BRIZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ADuM4151/ADuM4152/ADuM4153
Data Sheet
VDD1 1
GND1 2
MCLK
3
MO
4
20
19
18
17
MI
5
MSS
6
VOA 7
16
15
14
VOB 8
13
VOC 9
12
GND1
VDD2
GND2
SCLK
SI
SO
SSS
VIA
VIB
VIC
GND2
10
11
ADuM4153
TOP VIEW
(Not to Scale)
Figure 7. ADuM4153 Pin Configuration
Table 22. ADuM4153 Pin Function Descriptions
Pin No.
Mnemonic Direction Description
1
VDD1
Power
Input Power Supply for Isolator Side 1. A bypass capacitor from VDD1 to GND1 to local ground is required.
2, 10
GND1
Return
Ground 1. Ground reference for Isolator Side 1.
3
MCLK
Clock
SPI Clock from the Master Controller.
4
MO
Input
SPI Data from the Master to the Slave MO/SI Line
5
MI
Output
SPI Data from the Slave to the Master MI/SO Line.
6
MSS
Input
Slave Select from the Master. This signal uses an active low logic. The slave select pin requires a 10 ns
setup time from the next clock or data edge.
7
VOA
Output
Low Speed Data Output A.
8
VOB
Output
Low Speed Data Output B.
9
VOC
Output
Low Speed Data Output C.
11, 19
GND2
Return
Ground 1. Ground reference for Isolator Side 2.
12
VIC
Input
Low Speed Data Input C.
13
VIB
Input
Low Speed Data Input B.
14
VIA
Input
Low Speed Data Input A.
15
SSS
Output
Slave Select to the Slave. This signal uses an active low logic.
16
SO
Input
SPI Data from the Slave to the Master MI/SO Line.
17
SI
Output
SPI Data from the Master to the Slave MO/SI Line.
18
SCLK
Output
SPI Clock from the Master Controller.
20
VDD2
Power
Input Power Supply for Isolator Side 2. A bypass capacitor from VDD2 to GND2 to local ground is required.
Table 23. ADuM4151/ADuM4152/ADuM4153 Power-Off Default State Truth Table (Positive Logic)1
VDD1 State
VDD2 State
Side 1 Outputs
Side 2 Outputs
SSS
Comments
Unpowered
Powered
Z
Z
Z
Outputs on an unpowered side are high impedance within
one diode drop of ground
Powered
Unpowered
Z
Z
Z
Outputs on an unpowered side are high impedance within one
diode drop of ground
1
Z is high impedance.
Rev. A | Page 16 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com