Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC030 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CLC030 Datasheet HTML 10Page - National Semiconductor (TI) CLC030 Datasheet HTML 11Page - National Semiconductor (TI) CLC030 Datasheet HTML 12Page - National Semiconductor (TI) CLC030 Datasheet HTML 13Page - National Semiconductor (TI) CLC030 Datasheet HTML 14Page - National Semiconductor (TI) CLC030 Datasheet HTML 15Page - National Semiconductor (TI) CLC030 Datasheet HTML 16Page - National Semiconductor (TI) CLC030 Datasheet HTML 17Page - National Semiconductor (TI) CLC030 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Device Operation (Continued)
an internal pull down device, is mandatory to prevent admis-
sion of noise or unwanted signals at any time, especially
during power-up or reset sequences. It is strongly recom-
mended that VCLK not be applied until device initialization
and configuration is completed.
Example: Enable the TPG Mode to use the NTSC 270Mbps
colour bars as the BIST and TPG pattern. Enable TPG
operation using the I/O port.
1.
Set ANC/CTRL to a logic-low.
2.
Set RD/WR to a logic-low.
3.
Present 00Dh to AD[9:0] as the TEST 0 register ad-
dress.
4.
Toggle ACLK.
5.
Present 303h to AD[9:0] as the register data (525 line,
30 frame, 27MHz, NTSC 4x3, colour bars (SMPTE
125M)).
6.
Toggle ACLK.
7.
Set TPG ENABLE (I/O Port, bit 7) to a logic-high.
8.
Toggle ACLK.
9.
The PASS/FAIL indicator (I/O Port, bit 6) is monitored
for the result of the test. Alternatively, the TEST 0 regis-
ter may be read. Bit 7 is the Pass/Fail indicator bit.
CONFIGURATION AND CONTROL REGISTERS
The configuration and control registers store data which
configures the operational modes of the CLC030 or which
result from its operation. Many of these registers may be
mapped to the multi-function I/O bus to make them available
as external I/O functions. These functions and initial values
are summarized in
Table 1 and detailed in Table 2. The
power-on default condition for the multi-function I/O port is
indicated in
Table 1 and detailed in Table 6.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com