Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC030 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CLC030 Datasheet HTML 11Page - National Semiconductor (TI) CLC030 Datasheet HTML 12Page - National Semiconductor (TI) CLC030 Datasheet HTML 13Page - National Semiconductor (TI) CLC030 Datasheet HTML 14Page - National Semiconductor (TI) CLC030 Datasheet HTML 15Page - National Semiconductor (TI) CLC030 Datasheet HTML 16Page - National Semiconductor (TI) CLC030 Datasheet HTML 17Page - National Semiconductor (TI) CLC030 Datasheet HTML 18Page - National Semiconductor (TI) CLC030 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Device Operation (Continued)
TABLE 1. Configuration and Control Data Register Summary
Register Function
Bits
Read or Write
Initial Condition
(Note 12)
Assignable to
I/O Bus as
Notes
CRC Error (SD/HD)
1
R
Reset
Output
(Note 11)
CRC Error Luma
1
R
Reset
Output
CRC Error Chroma
1
R
Reset
Output
Full-Field Flags
5
R
Reset
No
Active Picture Flags
5
R
Reset
No
ANC Flags
5
R
Reset
No
EDH Force
1
R/W
OFF
Input
EDH Enable
1
R/W
ON
Input
F/F Flag Error
1
R
Reset
Output
A/P Flag Error
1
R
Reset
Output
ANC Flag Error
1
R
Reset
Output
ANC Checksum Force
1
R/W
OFF
Input
ANC Checksum Error
1
R
Reset
Output
FIFO Empty
1
R
Set
Output
FIFO Full
1
R
Reset
Output
FIFO Overrun
1
R/W
OFF
Input/Output
Video FIFO Depth
3
R/W
000b
No
ANC ID
16
R/W
0000h
No
ANC Mask
16
R/W
FFFFh
No
MSG Track
1
R/W
OFF
No
MSG Flush Static
1
R/W
OFF
No
MSG Flush Dynamic
1
R/W
OFF
No
FIFO Flush Static
1
R/W
OFF
No
FIFO Flush Dynamic
1
R/W
OFF
No
MSG Flush Static
1
R/W
OFF
No
Full MSG Required
1
R/W
OFF
No
Chksum Attach In
1
R/W
OFF
Input
FIFO Insert Enable
1
R/W
OFF
Input
VANC
1
R/W
OFF
No
Switch Point 0
8
R/W
00h
No
Switch Point 1
8
R/W
00h
No
Switch Point 2
8
R/W
00h
No
Switch Point 3
8
R/W
00h
No
Format Set
5
R/W
OFF
No
SD Only
1
R/W
OFF
No
HD Only
1
R/W
OFF
No
Format
5
R
Output
Format [4] (Note 11)
H
1
R
Output
(Note 11)
V
1
R
Output
(Note 11)
F
1
R
Output
(Note 11)
Test Pattern Select
6
R/W
00000b
Input
525/27 MHz/Black
TPG Enable
1
R/W
OFF
Input
(Note 11)
Pass/Fail
1
R
Output
(Note 11)
New Sync Position (NSP)
1
R
Output
SAV
1
R
Output
EAV
1
R
Output
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com