Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC030 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button CLC030 Datasheet HTML 20Page - National Semiconductor (TI) CLC030 Datasheet HTML 21Page - National Semiconductor (TI) CLC030 Datasheet HTML 22Page - National Semiconductor (TI) CLC030 Datasheet HTML 23Page - National Semiconductor (TI) CLC030 Datasheet HTML 24Page - National Semiconductor (TI) CLC030 Datasheet HTML 25Page - National Semiconductor (TI) CLC030 Datasheet HTML 26Page - National Semiconductor (TI) CLC030 Datasheet HTML 27Page - National Semiconductor (TI) CLC030 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Device Operation (Continued)
TABLE 6. I/O Configuration Register Addresses for Control Register Functions
Register Bit
Bit Address Pin # SEL [n]
I/P or O/P
Power-On Status
[5]
[4]
[3]
[2]
[1]
[0]
reserved
000000
Output
FF Flag Error
000001
Output
AP Flag Error
000010
Output
ANC Flag Error
000011
Output
CRC Error (SD/HD)
000100
Output
I/O Port Bit 5
reserved
000101
Output
reserved
000110
Output
reserved
000111
Output
reserved
001000
Output
reserved
001001
Output
reserved
001010
Output
reserved
001011
Output
reserved
001100
Output
SAV
001101
Output
EAV
001110
Output
NSP
001111
Output
CRC Luma Error
010000
Output
CRC Chroma Error
010001
Output
F
010010
Output
I/O Port Bit 0
V
010011
Output
I/O Port Bit 1
H
010100
Output
I/O Port Bit 2
Format[0]
010101
Output
Format[1]
010110
Output
Format[2]
010111
Output
Format[3]
011000
Output
Format[4]
011001
Output
I/O Port Bit 3 (SD/HD)
FIFO Full
011010
Output
FIFO Empty
011011
Output
Lock Detect
011100
Output
I/O Port Bit 4
Pass/Fail
011101
Output
I/O Port Bit 6
FIFO Overrun
011110
Output
ANC Chksum Error
011111
Output
EDH Force
100000
Input
Test Pattern Select[0]
100001
Input
Test Pattern Select[1]
100010
Input
Test Pattern Select[2]
100011
Input
Test Pattern Select[3]
100100
Input
Test Pattern Select[4]
100101
Input
Test Pattern Select[5]
100110
Input
EDH Enable
100111
Input
TPG Enable
101000
Input
I/O Port Bit 7
reserved
101001
Input
Chksum Attach In
101010
Input
reserved
101011
Input
VPG Filter Enable
101100
Input
Dither Enable
101101
Input
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com