Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC030VEC Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030VEC
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030VEC Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC030VEC Datasheet HTML 6Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 7Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 8Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 9Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 10Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 11Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 12Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 13Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Device Operation (Continued)
pendent of the video data clock, VCLK. Inputs AD[9:0],
RD/WR and ANC/CTRL have internal pull down devices.
ACLK does not have an internal pull down device.
Control Data Read Functions
Control data is input to and output from the CLC030 using
the lower-order 8 bits AD[7:0] of the Ancilliary/Control Data
Port. This control data initializes, monitors and controls op-
eration of the CLC030. The upper two bits AD[9:8] of the
port function as handshaking signals with the device access-
ing the port. AD[9:8] must be driven as 00b (0XXh, where
XX are AD[7:0]) when either a control register read or write
address is being written to the port. AD[9:8] must be driven
as 11b (3XXh, where XX are AD[7:0]) when control data is
being written to the port. When control data is being read
from the port, the CLC030 will output AD[9:8] as 10b (2XXh,
where XX are output data AD[7:0]) and may be ignored by
the monitoring system.
Note: When power is first applied to the device or after it is
reset, the Ancilliary and Control Data Port must be initial-
ized to receive data. This is done by toggling ACLK three (3)
times.
Figure 1 shows the sequence of clock and control signals for
reading control data from the ancilliary/control data port.
Control data read mode is invoked by making the
ANC/CTRL input low and the RD/WR input high. The 8-bit
address of the control register set to be accessed is input to
the port on bits AD[7:0]. The address is captured on the
rising edge of ACLK. When a control register read address
is being written to the port, AD[9:8] must be driven as 00b
(0XXh, where XX are AD[7:0]). When control data is being
read from the port, the CLC030 will output AD[9:8] as 10b
(2XXh, where XX are output data AD[7:0]) and may be
ignored by the monitoring system. Data being output from
the selected register is driven by the port immediately follow-
ing the rising edge of ACLK or when the address signals are
removed. For optimum system timing, the address signals
driving the port should be removed immediately after the
address is clocked into the device and before or coincident
with the falling edge of ACLK at the end of the address
cycle. Output data remains stable until the next rising edge
of ACLK and may be read by external devices at any time
after the removal of the address signal. This second clock
resets the port from drive to receive mode and readies the
port for another access cycle.
Example: Read the Full-field Flags via the AD port.
1.
Set ANC/CTRL to a logic-low.
2.
Set RD/WR to a logic-high.
3.
Present 001h to AD[9:0] as the register address.
4.
Toggle ACLK.
5.
Release the bus driving the AD port.
6.
Read the data present on the AD port. The Full-field
Flags are bits AD[4:0].
7.
Toggle ACLK to release the AD port.
Control Data Write Functions
Figure 2 shows the sequence of clock and control signals for
writing control data to the ancilliary/control data port. The
control data write mode is similar to the read mode. Con-
trol data write mode is invoked by making the ANC/CTRL
input low and the RD/WR input low. The 8-bit address of the
control register set to be accessed is input to the port on bits
AD[7:0]. The address is captured on the rising edge of
ACLK. The address data is removed after being clocked into
the device or before the falling edge of ACLK. Next, the
control data is presented to the port bits AD[7:0] and written
into the selected register on the next rising edge of ACLK.
When a control register write address is being written to the
port, AD[9:8] must be driven as 00b (0XXh, where XX are
AD[7:0]). When control data is being written to the port,
AD[9:8] must be driven as 11b (3XXh, where XX are
AD[7:0]). Control data written into the registers may be read
out non-destructively in most cases.
Example: Setup (without enabling) the TPG Mode via the
AD port using the 1125 line, 30 frame, 74.25MHz, interlaced
component (SMPTE 274M) colour bars as test pattern. The
TPG may be enabled after setup using the Multi-function I/O
port or by the control registers.
1.
Set ANC/CTRL to a logic-low.
2.
Set RD/WR to a logic-low.
3.
Present 00Dh to AD[9:0] as the Test 0 register address.
4.
Toggle ACLK.
5.
Present 027h to AD[9:0] as the register data.
6.
Toggle ACLK.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com