Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC030VEC Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030VEC
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030VEC Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button CLC030VEC Datasheet HTML 17Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 18Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 19Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 20Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 21Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 22Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 23Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 24Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Device Operation (Continued)
out-of-band frequency products which can be produced by
abrupt transitions in the chroma and luma data when fed to
D-to-A converters and picture monitors. The default condi-
tion of this bit is reset (off).
I/O PIN 0 THROUGH 7 CONFIGURATION REGISTERS
(Addresses 0Fh through 16h)
The Multi-function I/O Bus Pin Configuration registers are
used to map the bits of the multi-function I/O port to selected
bits of the Configuration and Control Registers.
Table 6
details the available Configuration and Control register bit
functions that may be mapped to the port and their corre-
sponding mapping addresses. Pin # SEL[5] in each register
indicates whether the port pin is input or output. The port pin
will be an input when this bit is set and an output when reset.
Input-only functions may not be configured as outputs and
vice versa. The remaining lower-order five address bits dis-
tinguish the particular function.
Example: Program, via the AD port, I/O port bit 0 as output
for the CRC Luma Error bit in the control registers.
1.
Set ANC/CTRL to a logic-low.
2.
Set RD/WR to a logic-low.
3.
Present 00Fh to AD[9:0] as the I/O PIN 0 CONFIG
register address.
4.
Toggle ACLK.
5.
Present 310h to AD[9:0] as the register data, the bit
address of the CRC Luma Error bit in the control regis-
ters.
6.
Toggle ACLK.
TEST MODE 0 REGISTER (Address 55h)
The four bits of this register are intended for use as test
mode functions. They are not normal operating modes. The
bits may be set (enabled) or reset (disabled) by writing to the
register. Reading this register sets (enables) all bits to their
default ON condition.
The Scrambler_Enable bit enables operation of the SMPTE
scrambler function. This bit is normally ON.
The NRZI_Enable bit enables operation of the NRZ-to-NRZI
conversion function. This bit is normally ON.
The LSB_Clipping bit enables operation of the LSB clipping
function. This bit is normally ON.
The Sync_Detect_Enable bit enables operation of the TRS
detector function. This bit is normally ON.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com