Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC030VEC Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030VEC
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030VEC Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button CLC030VEC Datasheet HTML 15Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 16Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 17Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 18Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 19Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 20Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 21Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 22Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Device Operation (Continued)
Admission of ancilliary data packets into the FIFO is con-
trolled by the ANC MASK[15:0] and ANC ID[15:0] bits in the
control registers. The ANC ID[15:0] normally is set to a valid
16-bit code used for component ancilliary data packet iden-
tification as specified in SMPTE 291M-1998. The ANC
MASK[15:0] is a 16-bit word that can be used to selectively
control loading of packets with specific IDs (or ID ranges)
into the FIFO. When the ANC MASK[15:0] is set to FFFFh,
packets with any ID can be loaded into the FIFO. When any
bit or bits of the ANC MASK[15:0] are set to a logic-1, the
corresponding bit or bits of the ANC ID[15:0] are a don’t-
care when matching IDs of incoming packets. When the
ANC MASK[15:0] is set to 0000h, the ANC ID of incoming
packets must match exactly, bit-for-bit the ANC ID[15:0] set
in the control register for the packets to be loaded into the
FIFO. The initial value of the ANC MASK[15:0] is FFFFh
and the ANC ID[15:0] is 0000h.
The ANC PARITY MASK bit when set disables parity check-
ing for the DATA ID (DID) and SECONDARY DATA ID (SDID)
in the ANC data packet. When reset, parity checking is
enabled, and, if a parity error occurs, the packet will not be
loaded.
The FIFO INSERT ENABLE bit in the control registers en-
ables insertion of ancilliary data stored in the FIFO into the
serial data stream. Data insertion is enabled when this bit is
set to a logic-1. This bit can be used to delay automatic
insertion of data into the serial data stream.
The CLC030 can keep track of up to 8 ancilliary packets in
the FIFO. Incoming packet length versus available space in
the FIFO is also tracked. The MSG TRACK bit in the control
registers, when set, enables tracking of packets in the FIFO.
MSG TRACK also enables several other functions for con-
trol of packet traffic in the FIFO: FIFO FLUSH DYN, FIFO
FLUSH STAT, MSG FLUSH DYN, and MSG FLUSH STAT.
With message tracking enabled and FIFO FLUSH DYN set
to a logic-1, if a FIFO full condition is encountered, all
existing message packets in the FIFO will be flushed. The
current message packet will be left intact. When FIFO
FLUSH DYN is not set and a FIFO full condition is encoun-
tered, the FIFO will overrun and the FIFO OVERRUN flag
will be set. FIFO FLUSH DYN remains set until cleared.
Setting the FIFO FLUSH STAT bit to a logic-1 flushes the
FIFO. Data may not be loaded into the FIFO during FIFO
FLUSH STAT execution. Similarly, FIFO FLUSH STAT may
not be set when data is being input to the FIFO. FIFO
FLUSH STAT is automatically reset after this operation is
complete.
With message tracking enabled and MSG FLUSH DYN set
to a logic-1, the oldest message packet in the FIFO will be
flushed when the next message is written to the FIFO. MSG
FLUSH DYN remains set until cleared.
When MSG FLUSH STAT set to a logic-1, the oldest mes-
sage packet in the FIFO is flushed when data is not being
written to the FIFO. MSG FLUSH STAT is automatically
reset after this operation is complete.
The FULL MSG REQ (full message required) bit in the
control registers, when set, instructs the CLC030 to insert
only complete packets residing in the FIFO into the serial
data stream. When this bit is not set, messages of any
length, incomplete or partial, will be inserted into the serial
data stream. This function is not affected by MSG TRACK.
This function can be used to prevent overrunning available
space in the FIFO.
The VANC bit in the control registers, when set to a logic-1,
enables insertion of ancilliary data during the vertical blank-
ing interval (both active video and horizontal blanking por-
tions of the line).
SWITCH POINT REGISTERS 0 THROUGH 3 (Addresses
09h, 0Ah, 19h and 1Ah)
The Line[10:0] and Protect[4:0] bits define the vertical
switching point line and protected lines following the switch-
ing point line for fields 0 and 1 (or fields 1 and 2 as these are
sometimes referred to). The vertical switching point for com-
ponent digital standard definition formats is defined in
SMPTE RP 168-1993. The vertical switching point for
high-definition formats has the same basic definition. How-
ever, since the vertical switching point line is not necessarily
standardized among the various high-definition rasters,
these registers provide a convenient means whereby the
vertical switching point line and subsequent protected lines
may be specified by the user.
The Line[10:0] bits of registers Switch Point 0 and 1 may
be loaded with a line number ranging from 0 to 1023 which
then specifies the switching point line for Field 0. The Pro-
tect[4:0] bits of register Switch Point 1 determine the num-
ber of lines from 0 to 15 after the vertical switching point line
in which ancilliary data may not be inserted. LINE(0) is the
LSB and LINE(10) is the MSB for the Line[10:0] bits. Similar
ordering holds for the Protect[4:0] bits.
The Line[10:0] and Protect[4:0] bits of registers Switch
Point 2 and 3 perform the same function as explained above
for the vertical switching point line for Field 1.
FORMAT REGISTERS 0 AND 1 (Addresses 0Bh and
0Ch)
The CLC030 may be set to process a single video format by
writing the appropriate data into the FORMAT 0 register. The
Format Set[4:0] bits confine the CLC030 to recognize and
process only one of the fourteen specified types of standard
or high definition formats. The Format Set[4:0] bits may not
be used to confine device operation to a range of standards.
The available formats and codes are detailed in Table 4.
Generally speaking, the Format Set[4:0] codes indicate or
group the formats as follows: Format Set[4] is set for the HD
formats and reset for the SD formats. Format Set[3] when
set indicates that PAL data is being processed. When reset
NTSC data is being processed. Format Set[2:0] correspond
to one of the sub-standards given in the table. Note that the
CLC030 makes no distinction in formats resulting from the
processing of data at 74.25MHz or 74.176MHz.
The CLC030 can automatically determine the format of the
incoming parallel data. The result of this operation is stored
in the FORMAT 1 register. The Format[4:0] bits identify
which of the many possible video data standards that the
CLC030 can process is being received. These format codes
follow the same arrangement as for the Format Set[4:0]
bits. These formats and codes are given in
Table 4. Bit
Format[4] when set indicates that HD data is being pro-
cessed. When reset, SD data is indicated. Format[3] when
set indicates that PAL data is being processed. When reset
NTSC data is being processed. Format[2:0] correspond
with one of the sub-standards given in the table.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com