Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4240 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4240
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4240 Datasheet HTML 12Page - Linear Technology LTC4240 Datasheet HTML 13Page - Linear Technology LTC4240 Datasheet HTML 14Page - Linear Technology LTC4240 Datasheet HTML 15Page - Linear Technology LTC4240 Datasheet HTML 16Page - Linear Technology LTC4240 Datasheet HTML 17Page - Linear Technology LTC4240 Datasheet HTML 18Page - Linear Technology LTC4240 Datasheet HTML 19Page - Linear Technology LTC4240 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC4240
16
4240f
A high to low transition on BD_SEL# causes the voltages
on the TIMER, GATE, 3VOUT, 5VOUT, 12VOUT and VEEOUT
pins to begin ramping (see Figure 4). The TIMER pin
capacitance is charged by an 11.5
µA current source while
the GATE capacitance is charged by a 65
µAcurrentsource.
Concurrently, an internal charge pump turns on the gates
of the internal power switches that isolate the 12V and
–12V supplies. All faults are ignored during the time that
the voltage at the TIMER pin remains below 5.5V. In order
to avoid faults due to the charging of the bulk output
capacitors, all output voltages must settle before the
TIMER pin reaches 5.5V. See TIMER section for more
details.
The 5VOUT and 3VOUT supply outputs will ramp up accord-
ing to the slowest of the following slew rates:
dV
dt
A
C
or
II
C
a
or
II
C
b
LIMIT V
LOAD V
LOAD VOUT
LIMIT V
LOAD V
LOAD VOUT
= µ
=
=
65
1
1
1
55
5
33
3
,
–
,( )
–
()
()
()
()
()
()
()
stage in the hot plug sequence, indicating that the
LTC4240 is in reset mode with all power switches off
(BD_SEL# is still pulled high to long 5V).
The 12V and –12V supplies make contact at this stage.
Zener clamps Z1 and Z2 plus shunt RC snubbers R13-
C4 and R14-C5 help protect the 12VIN and VEEIN pins,
respectively, from large transient voltages during hot
insertion and short-circuit conditions.
The signal pins also connect at this point. This includes
the HEALTHY# signal connecting to the PWRGD pin
and the PCI_RST# signal connecting to the RESETIN
pin. The PWRGD and RESETIN signals are combined
internally with Bit 3 (C3) of the I2C command latch (see
Send Byte protocol) to generate the LOCAL_PCI_RST#
signal, which is available at the RESETOUT pin.
4. Short pins make contact. BD_SEL# signal connects to
the OFF/ON pin. This starts the electrical part of the
connection process. If the BD_SEL# signal is grounded
on the backplane, then the electrical connection pro-
cess starts immediately. Note that the electrical con-
nection process can be interrupted with the Send Byte
protocol of the I2C serial interface.
System backplanes that do not ground the BD_SEL#
signal will instead have circuitry that detects when
BD_SEL# has made contact with the plug-in board. The
backplane logic can then control the power up process
by pulling BD_SEL# low. Figure 4 illustrates the power
up sequence. The mating of BD_SEL# is represented by
the high to low transition of the BD_SEL# signal.
Power-Up Sequence
Two external N-channel power MOSFETs isolate the 3.3V
and 5V power paths, while two internal MOS switches
isolate the 12V and –12V power paths. (See front page
Application Circuit). Sense resistors R1 and R2 provide
current limit and fault detection for the 3VIN and 5VIN
supplies, while R5 and C1 provide current control loop
compensation. Current fault detection for the 12V and
–12V supplies is done internally.
TIMER
10V/DIV
GATE
10V/DIV
12VOUT
10V/DIV
VEEOUT
10V/DIV
5VOUT
10V/DIV
3VOUT
10V/DIV
LCL_PCI_RST#
5V/DIV
BD_SEL#
5V/DIV
HEALTHY#
5V/DIV
10ms/DIV
4240 F04
Figure 4. Normal Power-Up Sequence
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com