Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4240 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4240
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240 Datasheet(HTML) 5 Page - Linear Technology

  LTC4240 Datasheet HTML 1Page - Linear Technology LTC4240 Datasheet HTML 2Page - Linear Technology LTC4240 Datasheet HTML 3Page - Linear Technology LTC4240 Datasheet HTML 4Page - Linear Technology LTC4240 Datasheet HTML 5Page - Linear Technology LTC4240 Datasheet HTML 6Page - Linear Technology LTC4240 Datasheet HTML 7Page - Linear Technology LTC4240 Datasheet HTML 8Page - Linear Technology LTC4240 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC4240
5
4240f
TYPICAL PERFOR A CE CHARACTERISTICS
VEEIN Supply Current
vs Temperature
12VIN Foldback Current Limit
vs Temperature
VEEIN Foldback Current Limit
vs Temperature
12V Output Current
–12V Output Current
12VOUT PWRGD Threshold
Voltage vs Temperature
3VOUT PWRGD Threshold Voltage
vs Temperature
5VOUT PWRGD Threshold Voltage
vs Temperature
VEEOUT PWRGD Threshold
Voltage vs Temperature
–0.8
–0.9
–1.0
–1.1
–1.2
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G07
OFF/ON = 0V
1.6
1.2
0.8
0.4
0
OUTPUT VOLTAGE (V)
02
4
6
8
10
12
4240 G10
12VIN = 12V
TA = 25°C
3.00
2.95
2.90
2.85
2.80
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G13
1.6
1.2
0.8
0.4
0
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G08
12VOUT = 10V
12VOUT = 0V
TEMPERATURE (
°C)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
4240 G09
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
OUTPUT VOLTAGE (V)
0
–2
–4
–6
–8
–10
–12
0.5
0.4
0.3
0.2
0.1
0
4240 G11
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4.75
4.70
4.65
4.60
4.55
4.50
4240 G14
11.4
11.3
11.2
11.1
11.0
10.9
10.8
4240 G12
–10.2
–10.3
–10.4
–10.5
–10.6
–10.7
–10.8
4240 G15
VEEOUT = –10V
VEEOUT = 0V
VEEIN = –12V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com